Electronic Components Datasheet Search
  English  ▼

X  

0824282 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0824282
Description  EML (100X73)R CUS - Label
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824282 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0824282 Datasheet HTML 1Page - PHOENIX CONTACT 0824282 Datasheet HTML 2Page - PHOENIX CONTACT 0824282 Datasheet HTML 3Page - PHOENIX CONTACT 0824282 Datasheet HTML 4Page - PHOENIX CONTACT 0824282 Datasheet HTML 5Page - PHOENIX CONTACT 0824282 Datasheet HTML 6Page - PHOENIX CONTACT 0824282 Datasheet HTML 7Page - PHOENIX CONTACT 0824282 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label, can be ordered: by line, white, labeled according to customer specifications, mounting
type: adhesive, text field height: 73 mm, text field width: 100 mm
Your advantages
The EML … self-adhesive device markers are particularly suitable for identification of various types of equipment in controller, system, and control
cabinet building
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The EML ... materials are UL-listed
•
A wide range of marker sizes and colors are available for custom designs
•
Labeling service: Phoenix Contact can custom-label all EM ... markers in accordance with your requirements
•
Commercial data
Item number
0824282
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8141
Catalog page
Page 272 (C-5-2013)
GTIN
4046356351515
Weight per piece (including packing)
1.99 g
Weight per piece (excluding packing)
1.99 g
Country of origin
PL
EML (100X73)R CUS - Label
0824282
https://www.phoenixcontact.com/us/products/0824282
Jun 5, 2025, 5:29AM
Page 1 (8)


Similar Part No. - 0824282

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824280 PHOENIX-0824280 Datasheet
55Kb / 2P
Marker pin Zack strip - BN-ZB 8/WH CUS
0824281 PHOENIX-0824281 Datasheet
55Kb / 2P
Marker pin Zack strip - BN-ZB10/WH CUS
0824283 PHOENIX-0824283 Datasheet
189Kb / 6P
EML (100X73)R SR CUS - Label
0824284 PHOENIX-0824284 Datasheet
199Kb / 8P
EML (100X73)R YE CUS - Label
0824285 PHOENIX-0824285 Datasheet
198Kb / 8P
EML (100X90)R CUS - Label
More results

Similar Description - 0824282

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803137 PHOENIX-0803137 Datasheet
51Kb / 3P
Label - EML (105X23)R
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0830485 PHOENIX-0830485 Datasheet
54Kb / 4P
Label - EML (75X10)R
0801841 PHOENIX-0801841 Datasheet
47Kb / 3P
Label - EML (25,4X12,7)R TR
0815596 PHOENIX-0815596 Datasheet
47Kb / 3P
Label - EML (110XE)R
0815693 PHOENIX-0815693 Datasheet
47Kb / 3P
Label - EML (26,5X17,5)R GN
0830481 PHOENIX-0830481 Datasheet
49Kb / 3P
Label - EML (40X6)R
0830483 PHOENIX-0830483 Datasheet
49Kb / 3P
Label - EML (50X10)R
0830731 PHOENIX-0830731 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (100X73)R
0830735 PHOENIX-0830735 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (100X73)R SR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com