Electronic Components Datasheet Search
  English  ▼

X  

TC9446FG Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TC9446FG
Description  Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9446FG Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TC9446FG Datasheet HTML 17Page - Toshiba Semiconductor TC9446FG Datasheet HTML 18Page - Toshiba Semiconductor TC9446FG Datasheet HTML 19Page - Toshiba Semiconductor TC9446FG Datasheet HTML 20Page - Toshiba Semiconductor TC9446FG Datasheet HTML 21Page - Toshiba Semiconductor TC9446FG Datasheet HTML 22Page - Toshiba Semiconductor TC9446FG Datasheet HTML 23Page - Toshiba Semiconductor TC9446FG Datasheet HTML 24Page - Toshiba Semiconductor TC9446FG Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
TC9446FG
2005-09-28
21
3.
Setting Procedure Until it Starts Decode Program Operation
Setting procedure until it starts operation of the decode program built in TC9446FG is shown below.
First, 10 words program data is transmitted in the program boot mode after release of the power-on reset
at the time of a power-supply injection.
However, when there is a program required for others, program data of a maximum of 128 words can be
transmitted.
And, if the command of soft reset-off is transmitted, a program will begin to operate and decode will be
started by transmitting addresses of the write-in command shown in an attached sheet (the program
explanation data) after that 9 words of 0000h-0008h.
Procedure until it starts operation of a decode program to Figure 15 is shown.
Note 7: Internal RAM is cleared, in order to muting for output, after transmitting a setup of command 0003h “decode
off” in the case of AC-3 decoder program. Please transmit following data after checking that ACK is set to
“L” from “H”, since such a case has the time for about 23 ms (maximum) in this processing. If processing of
the internal RAM clearance by the “decode off” command is completed, it will return at the waiting time for 1
or less ms.
In addition, according to the kind of decode program, please transmit following data after checking that ACK
is set to “L” from “H”, since the waiting time which the data transmission at the time of decode on/off takes
differs.
Figure 15
Procedure to Decode Program Operation Start
Program boot
Soft reset OFF
Starting of decode
Power ON reset
Write-in command transmission.
(9 word of 0000h to 0008h)
(9 word of continuing from 0000h are transmitted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com