Electronic Components Datasheet Search
  English  ▼

X  

QPA4246DEVB Datasheet(PDF) 3 Page - Qorvo, Inc

Part # QPA4246DEVB
Description  37.5 – 42.5 GHz 10 Watt GaN Power Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA4246DEVB Datasheet(HTML) 3 Page - Qorvo, Inc

  QPA4246DEVB Datasheet HTML 1Page - Qorvo, Inc QPA4246DEVB Datasheet HTML 2Page - Qorvo, Inc QPA4246DEVB Datasheet HTML 3Page - Qorvo, Inc QPA4246DEVB Datasheet HTML 4Page - Qorvo, Inc QPA4246DEVB Datasheet HTML 5Page - Qorvo, Inc QPA4246DEVB Datasheet HTML 6Page - Qorvo, Inc QPA4246DEVB Datasheet HTML 7Page - Qorvo, Inc QPA4246DEVB Datasheet HTML 8Page - Qorvo, Inc QPA4246DEVB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
QPA4246D
37.5 – 42.5 GHz 10 Watt GaN Power Amplifier
Data Sheet Rev. B, January, 2022 | Subject to change without notice
3 of 31
www.qorvo.com
© 2022 Qorvo US, Inc. All rights reserved. Confidential
Performance Plots – Large Signal
Test conditions, unless otherwise noted: CW, VD = 24 V, IDQ = 280 mA, PIN = 29 dBm, TBASE = +25 ºC (TBASE is backside of 0.02 in
CuMo carrier plate)
32
33
34
35
36
37
38
39
40
41
42
43
44
36
37
38
39
40
41
42
43
Frequency (GHz)
Output Power vs. Freq. vs. Temp.
-40 C
+25 C
+85 C
0
5
10
15
20
25
30
36
37
38
39
40
41
42
43
Frequency (GHz)
PAE vs. Freq. vs. Temp.
-40 C
+25 C
+85 C
32
33
34
35
36
37
38
39
40
41
42
43
44
36
37
38
39
40
41
42
43
Frequency (GHz)
Output Power vs. Freq. vs. VD
20 V
22 V
24 V
0
5
10
15
20
25
30
36
37
38
39
40
41
42
43
Frequency (GHz)
PAE vs. Freq. vs. VD
20 V
22 V
24 V
32
33
34
35
36
37
38
39
40
41
42
43
44
36
37
38
39
40
41
42
43
Frequency (GHz)
Output Power vs. Freq. vs. IDQ
280 mA
560 mA
1120 mA
0
5
10
15
20
25
30
36
37
38
39
40
41
42
43
Frequency (GHz)
PAE vs. Freq. vs. IDQ
280 mA
560 mA
1120 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com