Electronic Components Datasheet Search
  English  ▼

X  

QPB0218N Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPB0218N
Description  2 – 18 GHz Wideband GaN Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB0218N Datasheet(HTML) 4 Page - Qorvo, Inc

  QPB0218N Datasheet HTML 1Page - Qorvo, Inc QPB0218N Datasheet HTML 2Page - Qorvo, Inc QPB0218N Datasheet HTML 3Page - Qorvo, Inc QPB0218N Datasheet HTML 4Page - Qorvo, Inc QPB0218N Datasheet HTML 5Page - Qorvo, Inc QPB0218N Datasheet HTML 6Page - Qorvo, Inc QPB0218N Datasheet HTML 7Page - Qorvo, Inc QPB0218N Datasheet HTML 8Page - Qorvo, Inc QPB0218N Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
QPB0218N
2 – 18 GHz Wideband GaN Amplifier
Data Sheet Rev. B, October 2024 | Subject to change without notice
- 4 of 14 -
www.qorvo.com
Typical
Performance – Large Signal, CW Mode
Test conditions unless otherwise noted: VD = 20 V, IDQ = 27 A, TCLAMP = 25 °C
25
30
35
40
45
50
55
60
22
24
26
28
30
32
34
36
38
40
42
Pin (dBm)
Power vs Pin
2 GHz
12 GHz
18 GHz
0
10
20
30
40
22
24
26
28
30
32
34
36
38
40
42
Pin (dBm)
PAE vs Pin
2 GHz
12 GHz
18 GHz
0
5
10
15
20
25
30
35
40
45
50
22
24
26
28
30
32
34
36
38
40
42
Pin (dBm)
Drain Current vs Pin
2 GHz
12 GHz
18 GHz
5
10
15
20
25
22
24
26
28
30
32
34
36
38
40
42
Pin (dBm)
Power Gain vs Pin
2 GHz
12 GHz
18 GHz
0
100
200
300
400
500
600
22
24
26
28
30
32
34
36
38
40
42
Pin (dBm)
PDiss vs Pin
2 GHz
12 GHz
18 GHz
Temp = 71 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com