Electronic Components Datasheet Search
  English  ▼

X  

040-4635 Datasheet(PDF) 15 Page - Elma Electronic Ltd

Part # 040-4635
Description  Classic Collet Knobs and Accessories
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

040-4635 Datasheet(HTML) 15 Page - Elma Electronic Ltd

Back Button 040-4635 Datasheet HTML 7Page - Elma Electronic Ltd 040-4635 Datasheet HTML 8Page - Elma Electronic Ltd 040-4635 Datasheet HTML 9Page - Elma Electronic Ltd 040-4635 Datasheet HTML 10Page - Elma Electronic Ltd 040-4635 Datasheet HTML 11Page - Elma Electronic Ltd 040-4635 Datasheet HTML 12Page - Elma Electronic Ltd 040-4635 Datasheet HTML 13Page - Elma Electronic Ltd 040-4635 Datasheet HTML 14Page - Elma Electronic Ltd 040-4635 Datasheet HTML 15Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
1 mm = 0.04 inch, 1 inch = 25.4 mm
48
15 mm diameter type K60
Shaft diameter
without line
with white line
4mm
K60-S150-004
K60-S151-004
6mm
K60-S150-006
K60-S151-006
1/4 "
K60-S150-250
K60-S151-250
Two shot soft touch collet knobs (all black)
Fixing tools (for collet knobs 15 mm) type K51
only for 15 mm diameter
K51-1000-00
21 mm diamater type K60
Shaft diameter
without line
with white line
4mm
K60-S210-004
K60-S211-004
6mm
K60-S210-006
K60-S211-006
1/4 "
K60-S210-250
K60-S211-250
packing unit: 100 pieces
• Material:
1st shot: talc filled Polypropylene,
2nd shot: thermoplastic Elastomer
• Operating temperature: -30°C to +50°C
15 mm diameter without line, with D-shaft type K55
Shaft diameter / Flat size
with compression ring
without compression ring
6 mm / 4.5 mm
K55-DC150-006
K55-DR150-006
Push on knobs
• Material:
Nylon 6
• Operating temperature:
-30°C to +50°C
FLAT SIZE
6mm shaft Ø
4.5mm flat size
Specify orientation
of pointer to flat
Caps
• red, blue, yellow or green color, on request
• Material:
Nylon 6
• Operating temperature:
-30°C to +50°C
Type K51
Knob diameter
without line
with white line
with white spot
15mm black
K51-C150-01
K51-C151-01
K51-C152-01
15mm grey
K51-C150-02
K51-C151-02
K51-C152-02
21mm black
K51-C210-01
K51-C211-01
K51-C212-01
21mm grey
K51-C210-02
K51-C211-02
K51-C212-02
ø15.5
• Base Ø:
15.5 mm
• Height (inc. cap): 14.3 mm
• Shaft Depth:
7.0 mm
• Base Ø:
21.5 mm
• Height (inc. cap): 17.7 mm
• Shaft Depth:
10.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com