Electronic Components Datasheet Search
  English  ▼

X  

CD74HC154M96 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74HC154M96
Description  High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC154M96 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC154M96 Datasheet HTML 3Page - Texas Instruments CD74HC154M96 Datasheet HTML 4Page - Texas Instruments CD74HC154M96 Datasheet HTML 5Page - Texas Instruments CD74HC154M96 Datasheet HTML 6Page - Texas Instruments CD74HC154M96 Datasheet HTML 7Page - Texas Instruments CD74HC154M96 Datasheet HTML 8Page - Texas Instruments CD74HC154M96 Datasheet HTML 9Page - Texas Instruments CD74HC154M96 Datasheet HTML 10Page - Texas Instruments CD74HC154M96 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
5962-8670101JA
Active
Production
CDIP (J) | 24
15 | TUBE
No
Call TI
N/A for Pkg Type
-55 to 125
5962-8670101JA
CD54HCT154F3A
5962-8682201JA
Active
Production
CDIP (J) | 24
15 | TUBE
No
Call TI
N/A for Pkg Type
-55 to 125
5962-8682201JA
CD54HC154F3A
CD54HC154F3A
Active
Production
CDIP (J) | 24
15 | TUBE
No
Call TI
N/A for Pkg Type
-55 to 125
5962-8682201JA
CD54HC154F3A
CD54HC154F3A.A
Active
Production
CDIP (J) | 24
15 | TUBE
No
Call TI
N/A for Pkg Type
-55 to 125
5962-8682201JA
CD54HC154F3A
CD54HCT154F3A
Active
Production
CDIP (J) | 24
15 | TUBE
No
Call TI
N/A for Pkg Type
-55 to 125
5962-8670101JA
CD54HCT154F3A
CD54HCT154F3A.A
Active
Production
CDIP (J) | 24
15 | TUBE
No
Call TI
N/A for Pkg Type
-55 to 125
5962-8670101JA
CD54HCT154F3A
CD74HC154M
Obsolete
Production
SOIC (DW) | 24
-
-
Call TI
Call TI
-55 to 125
HC154M
CD74HC154M96
Active
Production
SOIC (DW) | 24
2000 | LARGE T&R
Yes
NIPDAU | SN
Level-1-260C-UNLIM
-55 to 125
HC154M
CD74HC154M96.A
Active
Production
SOIC (DW) | 24
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC154M
CD74HC154M96E4
Active
Production
SOIC (DW) | 24
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC154M
CD74HC154M96G4
Active
Production
SOIC (DW) | 24
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC154M
CD74HC154M96G4.A
Active
Production
SOIC (DW) | 24
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC154M
CD74HCT154M
Obsolete
Production
SOIC (DW) | 24
-
-
Call TI
Call TI
-55 to 125
HCT154M
CD74HCT154M96
Active
Production
SOIC (DW) | 24
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HCT154M
CD74HCT154M96.A
Active
Production
SOIC (DW) | 24
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HCT154M
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com