Electronic Components Datasheet Search
  English  ▼

X  

2500 Datasheet(PDF) 2 Page - TT Electronics.

Part # 2500
Description  Metal Film Resistors Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

2500 Datasheet(HTML) 2 Page - TT Electronics.

  2500 Datasheet HTML 1Page - TT Electronics. 2500 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low Value Metal Film Resistors
2500 Series
Low Value Metal Film Resistors
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
09.10
A subsidiary of
TT electronics plc
Welwyn Components
Performance
MAXIMUM (+0.001 )
Load at rated power (1000 hours @ 25°C)
R%
3
Load at rated power (1000 hours @ 70°C)
R%
2
Derating from rated power at 70°C
Linear to zero at 150°C
Short term overload (6.25 x Pr for 5s)
R%
0.5
Climatic
R%
2
Climatic category
55 / 150 / 56
Resistance to solder heat
R%
0.5
Vibration and bump
R%
0.5
Inductance (measured at 6mm from caps)
nH
≤20
Packaging
The standard packaging for 2504 is taped. The critical dimensions are shown in Figure 1. The
component wires will not protrude beyond the outside edge of the tapes. Taped product is then packed
into ammo boxes. Alternative packaging is available by request. Pre-formed resistors are available and
are supplied loose packed in plastic bags or boxes.
Dimensions (mm)
Type
b
C
2504
67
10
Ordering Procedure
Example: 2504 at 0.33 ohms and 5% tolerance in an ammo pack box of 1000 pieces -
2 5 0 4 – R 3 3 J I
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J
5%
G
2%
K
10%
Packing
I
Ammo
2504
1000/box
Standard
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
OBSOLETE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com