Electronic Components Datasheet Search
  English  ▼

X  

CD54HC354 Datasheet(PDF) 8 Page - Texas Instruments

Part # CD54HC354
Description  8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC354 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD54HC354 Datasheet HTML 4Page - Texas Instruments CD54HC354 Datasheet HTML 5Page - Texas Instruments CD54HC354 Datasheet HTML 6Page - Texas Instruments CD54HC354 Datasheet HTML 7Page - Texas Instruments CD54HC354 Datasheet HTML 8Page - Texas Instruments CD54HC354 Datasheet HTML 9Page - Texas Instruments CD54HC354 Datasheet HTML 10Page - Texas Instruments CD54HC354 Datasheet HTML 11Page - Texas Instruments CD54HC354 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Propagation Delay,
Sn
→ Y, Y
tPLH, tPHL
CL = 50pF
2
-
260
325
390
ns
4.5
-
52
65
78
ns
6
-
44
55
66
ns
CL = 15pF
5
22
-
-
-
ns
Propagation Delay,
LE
→ Y, Y
tPLH, tPHL
CL = 50pF
2
-
290
365
435
ns
4.5
-
58
73
87
ns
6
-
49
62
74
ns
CL = 15pF
5
24
-
-
-
ns
Output Disabling Time,
OEn to Y, Y
tPLZ, tPHZ
CL = 50pF
2
-
155
195
235
ns
4.5
-
31
39
47
ns
6
-
26
33
40
ns
CL = 15pF
5
13
-
-
-
ns
Output Disabling Time,
OE3 to Y, Y
tPLZ, tPHZ
CL = 50pF
2
-
155
195
235
ns
4.5
-
31
39
47
ns
6
-
26
33
40
ns
CL = 15pF
5
13
-
-
-
ns
Output Enabling Time,
OEn to Y, Y
tPZL, tPZH
CL = 50pF
2
-
150
190
225
ns
4.5
-
30
38
45
ns
6
-
26
33
38
ns
CL = 15pF
5
12, 13
-
-
-
ns
Output Enabling Time,
OE3 to Y, Y
tPZL, tPZH
CL = 50pF
2
-
160
200
240
ns
4.5
-
32
40
48
ns
6
-
27
34
41
ns
CL = 15pF
5
12, 13
-
-
-
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
2
-
60
75
90
ns
4.5
-
12
15
18
ns
6
-
10
13
15
ns
Input Capacitance
CI
--
-
10
10
10
pF
Three-State Capacitance
CO
--
-
20
20
20
pF
Power Dissipation
Capacitance
(Notes 4, 5)
CPD
-
5
90
-
-
-
pF
HCT TYPES
Propagation Delay,
Dn
→ Y, Y
tPLH, tPHL
CL = 50pF
4.5
-
47
59
71
ns
CL = 15pF
5
20
-
-
-
ns
Propagation Delay,
E
→ Y, Y
tPLH, tPHL
CL = 50pF
4.5
-
54
68
81
ns
CL = 15pF
5
23
-
-
-
ns
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO
125oC
UNITS
TYP
MAX
MAX
MAX
CD54HC354, CD74HC354, CD74HCT354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com