Electronic Components Datasheet Search
  English  ▼

X  

CDC203 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC203
Description  3.3-V HEX INVERTER/CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC203 Datasheet(HTML) 3 Page - Texas Instruments

  CDC203 Datasheet HTML 1Page - Texas Instruments CDC203 Datasheet HTML 2Page - Texas Instruments CDC203 Datasheet HTML 3Page - Texas Instruments CDC203 Datasheet HTML 4Page - Texas Instruments CDC203 Datasheet HTML 5Page - Texas Instruments CDC203 Datasheet HTML 6Page - Texas Instruments CDC203 Datasheet HTML 7Page - Texas Instruments CDC203 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CDC203
3.3-V HEX INVERTER/CLOCK DRIVER
SCAS324A – OCTOBER 1989 – REVISED NOVEMBER 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25
°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = 50 µA
3 V
2.9
2.9
VOH
IOH = – 50 µA
3.6 V
3.5
3.5
V
VOH
IOH = 12 mA
3 V
2.58
2.48
V
IOH = – 12 mA
3.6 V
3.18
3.08
IOL =50 µA
3 V
0.1
0.1
VOL
IOL = 50 µA
3.6 V
0.1
0.1
V
VOL
IOL =12mA
3 V
0.36
0.44
V
IOL = 12 mA
3.6 V
0.36
0.44
II
VI = VCC or GND
3.6 V
±0.1
±1
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
4
40
µA
Ci
VI = VCC or GND
3.3 V
4
pF
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (see Note 3 and Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
tPLH
A
Y
3.5
6.1
ns
tPHL
A
Y
3.5
6.1
ns
tsk(o)
A
Y
0.7
ns
NOTE 3: All specifications are valid only for all outputs switching in phase simultaneously.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com