Electronic Components Datasheet Search
  English  ▼

X  

CDC319DB Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC319DB
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC319DB Datasheet(HTML) 5 Page - Texas Instruments

  CDC319DB Datasheet HTML 1Page - Texas Instruments CDC319DB Datasheet HTML 2Page - Texas Instruments CDC319DB Datasheet HTML 3Page - Texas Instruments CDC319DB Datasheet HTML 4Page - Texas Instruments CDC319DB Datasheet HTML 5Page - Texas Instruments CDC319DB Datasheet HTML 6Page - Texas Instruments CDC319DB Datasheet HTML 7Page - Texas Instruments CDC319DB Datasheet HTML 8Page - Texas Instruments CDC319DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CDC319
1-LINE TO 10-LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS590A – DECEMBER 1997 – REVISED OCTOBER 2001
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
Input clamp voltage
VCC = 3.135 V,
II = –18 mA
–1.2
V
VOH
High-level output voltage
Y outputs
VCC = 3.135 V,
IOH = –1 mA
2.4
V
Y outputs
VCC = 3.135 V,
IOL = 1 mA
0.4
VOL
Low-level output voltage
SDATA
VCC = 3 135 V
IOL = 3 mA
0.1
0.4
V
SDATA
VCC = 3.135 V
IOL = 6 mA
0.2
0.6
SDATA
VCC = 3.135 V,
VO = VCC MAX
20
µA
IOH
High level output current
VCC = 3.135 V,
VO = 2 V
– 54
–126
IOH
High-level output current
Y outputs
VCC = 3.3 V,
VO = 2.6 V
– 60
mA
VCC = 3.465 V,
VO = 3.135 V
– 21
– 46
VCC = 3.135 V,
VO = 1 V
49
118
IOL
Low-level output current
Y outputs
VCC = 3.3 V,
VO = 0.7 V
58
mA
VCC = 3.465 V,
VO = 0.4 V
23
53
A
5
IIH
High-level input current
OE
VCC = 3.465 V,
VI = VCC
20
µA
SCLOCK, SDATA
20
A
– 5
IIL
Low-level input current
OE
VCC = 3.465 V,
VI = GND
–10
– 50
µA
SCLOCK, SDATA
– 10
– 50
IOZ
High-impedance-state output current
VCC = 3.465 V,
VO = 3.465 V or 0
±10
µA
Ioff
Off-state current
SCLOCK, SDATA
VCC = 0 V,
VI = 0 V to 5.5 V
50
µA
ICC
Supply current
VCC = 3.465 V,
IO = 0
0.2
0.5
mA
∆ICC Change in supply current
VCC = 3.135 V to 3.465 V,
One input at VCC – 0.6 V,
All other inputs at VCC or GND
500
µA
Ci
Input capacitiance
VI = VCC or GND,
VCC = 3.3 V
4
pF
Co
Output capacitance
VO = VCC or GND,
VCC = 3.3 V
6
pF
CI/O
SDATA I/O capacitance
VI/O = VCC or GND,
VCC = 3.3 V
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com