Electronic Components Datasheet Search
  English  ▼

X  

CDC340 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC340
Description  1-LINE TO 8-LINE CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC340 Datasheet(HTML) 5 Page - Texas Instruments

  CDC340 Datasheet HTML 1Page - Texas Instruments CDC340 Datasheet HTML 2Page - Texas Instruments CDC340 Datasheet HTML 3Page - Texas Instruments CDC340 Datasheet HTML 4Page - Texas Instruments CDC340 Datasheet HTML 5Page - Texas Instruments CDC340 Datasheet HTML 6Page - Texas Instruments CDC340 Datasheet HTML 7Page - Texas Instruments CDC340 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CDC340
1-LINE TO 8-LINE CLOCK DRIVER
SCAS332B – DECEMBER 1992 – REVISED MAY 1997
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
500
Ω
tPLH
tPHL
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
VOH
VOL
2 V
0.8 V
0.8 V
tf
tr
Input
(see Note B)
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
Output
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
Figure 1. Load Circuit and Voltage Waveforms
A
1G
1Yn
tPLH1
tPHL1
2Yn
tPLH2
tPHL2
2G
NOTES: A. Output skew, tsk(o), is calculated as the greater of:
– The difference between the fastest and slowest of tPLHn (n = 1, 2)
– The difference between the fastest and slowest of tPHLn (n = 1, 2)
B. Pulse skew, tsk(p), is calculated as the greater of | tPLHn – tPHLn | (n = 1, 2).
C. Process skew, tsk(pr), is calculated as the greater of:
– The difference between the fastest and slowest of tPLHn (n = 1, 2) across multiple devices under identical operating conditions
– The difference between the fastest and slowest of tPHLn (n = 1, 2) across multiple devices under identical operating conditions
Figure 2. Waveforms for Calculation of tsk(o), tsk(p), tsk(pr)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com