Electronic Components Datasheet Search
  English  ▼

X  

CDC341 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC341
Description  1-LINE TO 8-LINE CLOCK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC341 Datasheet(HTML) 1 Page - Texas Instruments

  CDC341 Datasheet HTML 1Page - Texas Instruments CDC341 Datasheet HTML 2Page - Texas Instruments CDC341 Datasheet HTML 3Page - Texas Instruments CDC341 Datasheet HTML 4Page - Texas Instruments CDC341 Datasheet HTML 5Page - Texas Instruments CDC341 Datasheet HTML 6Page - Texas Instruments CDC341 Datasheet HTML 7Page - Texas Instruments CDC341 Datasheet HTML 8Page - Texas Instruments CDC341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CDC341
1-LINE TO 8-LINE CLOCK DRIVER
SCAS333D – DECEMBER 1992 – REVISED OCTOBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Output Skew, Low Pulse Skew for
Clock-Distribution and Clock-Generation
Applications
D TTL-Compatible Inputs and Outputs
D Distributes One Clock Input to Eight
Outputs
D Distributed VCC and Ground Pins Reduce
Switching Noise
D High-Drive Outputs (–48-mA IOH,
48-mA IOL)
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D Packaging Options Include Plastic
Small-Outline (DW) Packages
description
The CDC341 is a high-performance clock-driver circuit that distributes one (A) input signal to eight (Y) outputs
with minimum skew for clock distribution. Through the use of the control pins (1G and 2G), the outputs can be
placed in a low state regardless of the A input.
The propagation delays are adjusted at the factory using the P0 and P1 pins. These pins are not intended for
customer use and should be strapped to GND.
The CDC341 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUTS
1G
2G
A
1Y1 – 1Y4
2Y1 – 2Y4
X
X
L
L
L
L
LH
L
L
L
HH
L
H
H
LH
H
L
H
H
H
H
H
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC-
ΙΙΒ is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
1G
2G
A
P0
P1
VCC
2Y4
2Y3
GND
VCC
1Y1
1Y2
GND
1Y3
1Y4
GND
2Y1
2Y2
GND
DW PACKAGE
(TOP VIEW)


Similar Part No. - CDC341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC341 TI-CDC341 Datasheet
102Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341 TI-CDC341 Datasheet
279Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341DBLE TI-CDC341DBLE Datasheet
279Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341DW TI-CDC341DW Datasheet
102Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341DW TI-CDC341DW Datasheet
279Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
More results

Similar Description - CDC341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC111 TI-CDC111 Datasheet
96Kb / 7P
1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
CDC328A TI-CDC328A Datasheet
101Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC329A TI-CDC329A Datasheet
105Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC340 TI-CDC340 Datasheet
104Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341 TI-CDC341 Datasheet
102Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC329 TI-CDC329 Datasheet
89Kb / 6P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC328 TI1-CDC328 Datasheet
114Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
CDC111_15 TI-CDC111_15_15 Datasheet
124Kb / 9P
1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com