Electronic Components Datasheet Search
  English  ▼

X  

CDC351DB.Z Datasheet(PDF) 4 Page - Texas Instruments

Part # CDC351DB.Z
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC351DB.Z Datasheet(HTML) 4 Page - Texas Instruments

  CDC351DB.Z Datasheet HTML 1Page - Texas Instruments CDC351DB.Z Datasheet HTML 2Page - Texas Instruments CDC351DB.Z Datasheet HTML 3Page - Texas Instruments CDC351DB.Z Datasheet HTML 4Page - Texas Instruments CDC351DB.Z Datasheet HTML 5Page - Texas Instruments CDC351DB.Z Datasheet HTML 6Page - Texas Instruments CDC351DB.Z Datasheet HTML 7Page - Texas Instruments CDC351DB.Z Datasheet HTML 8Page - Texas Instruments CDC351DB.Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
CDC351. CDC351I
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
SCAS441D – FEBRUARY 1994 – REVISED OCTOBER 2003
SWITICHING CHARACTERISTICS
C
L = 50 pF (see Figure 1 and Figure 2)
VCC = 3 V to 3.6 V,
VCC = 3 V to 3.6 V,
VCC = 3.3 V, TA = 25°C
FROM
TO
TA = 0°C to 70°C
TA = -40°C to 85°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
3.2
3.7
4.2
A
Y
ns
tPHL
3
3.5
4
tPZH
1.8
3.8
5.5
1.3
5.9
1.1
6.1
OE
Y
ns
tPZL
1.8
3.8
5.5
1.3
5.9
1.1
6.1
tPHZ
1.8
3.9
5.9
1.7
6.3
1.5
6.5
OE
Y
ns
tPLZ
1.8
4.2
5.9
1.7
6.4
1.5
6.6
tsk(o)
A
Y
0.3
0.5
0.5
0.6
ns
tsk(p)
A
Y
0.2
0.8
0.8
0.9
ns
tsk(pr)
A
Y
1
1
1.1
ns
tr
A
Y
1.5
1.5
ns
tf
A
Y
1.5
1.5
ns
SWITCHING CHARACTERISTICS TEMPERATURE AND VCC COEFFICIENTS
over recommended operating free-air temperature and V
CC range (1)
FROM
TO
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
Average temperature coefficient of low to high propagation
§tPLH(T)
A
Y
65 (2)
ps/10
°C
delay
Average temperature coefficient of high to low propagation
§tPHL(T)
A
Y
45 (2)
ps/10
°C
delay
§tPLH(VCC)
Average VCC coefficient of low to high propagation delay
A
Y
–140 (3)
ps/ 100 mV
§tPHL(VCC)
Average VCC coefficient of high to low propagation delay
A
Y
–120 (3)
ps/ 100 mV
(1)
These data were extracted from characterization material and are not tested at the factory.
(2)
§tPLH(T) and §tPHL(T) are virtually independent of VCC.
(3)
§tPLH(VCC) and §tPHL(VCC) are virtually independent of temperature.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com