Electronic Components Datasheet Search
  English  ▼

X  

0824344 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0824344
Description  EML (70X50)R SR CUS - Label
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824344 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0824344 Datasheet HTML 1Page - PHOENIX CONTACT 0824344 Datasheet HTML 2Page - PHOENIX CONTACT 0824344 Datasheet HTML 3Page - PHOENIX CONTACT 0824344 Datasheet HTML 4Page - PHOENIX CONTACT 0824344 Datasheet HTML 5Page - PHOENIX CONTACT 0824344 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Labeled device marker
Marking
Number of individual labels per row
1
Identification technology
Thermal transfer for rolls
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
-40 °C ... 150 °C
Ambient temperature (assembly)
> 5 °C
Recommended storage conditions
23 °C / 50 % relative humidity
Recommended ambient temperature (storage/transport)
22 °C
Recommended humidity (storage/transport)
50 %
Shelf life
2 years
Mounting
Mounting type
adhesive
Material specifications
RoHS compliant
yes
Foil strength
50 µm
Adhesive strength
24 µm
Adhesive
Acrylic
Color
silver/matt
Material
Polyester
Components
free from silicone and halogen
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
EML (70X50)R SR CUS - Label
0824344
https://www.phoenixcontact.com/us/products/0824344
Jun 5, 2025, 4:17AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com