Electronic Components Datasheet Search
  English  ▼

X  

040-6630 Datasheet(PDF) 7 Page - Elma Electronic Ltd

Part # 040-6630
Description  Classic Collet Knobs and Accessories
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

040-6630 Datasheet(HTML) 7 Page - Elma Electronic Ltd

Back Button 040-6630 Datasheet HTML 3Page - Elma Electronic Ltd 040-6630 Datasheet HTML 4Page - Elma Electronic Ltd 040-6630 Datasheet HTML 5Page - Elma Electronic Ltd 040-6630 Datasheet HTML 6Page - Elma Electronic Ltd 040-6630 Datasheet HTML 7Page - Elma Electronic Ltd 040-6630 Datasheet HTML 8Page - Elma Electronic Ltd 040-6630 Datasheet HTML 9Page - Elma Electronic Ltd 040-6630 Datasheet HTML 10Page - Elma Electronic Ltd 040-6630 Datasheet HTML 11Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
40
Marking
Surface
grey
black
red
blue
yellow
green
matt
040-4015
040-4025
040-4035
040-4045
040-4055
040-4065
glossy
040-4010
040-4020
040-4030
040-4040
040-4050
040-4060
matt
040-4615
040-4625
040-4635
040-4645
040-4655
040-4665
glossy
040-4610
040-4620
040-4630
040-4640
040-4650
040-4660
Marking
a
d
ø
grey
black
matt
glossy
matt
glossy
8,3
-
4
022-4315
022-4310
022-4325
022-4320
10
4,05
6
022-4415
022-4410
022-4425
022-4420
10
3,2
1/4"
022-4515
022-4510
022-4525
022-4520
8,3
-
4
023-4315
023-4310
023-4325
023-4320
10
4,05
6
023-4415
023-4410
023-4425
023-4420
10
3,2
1/4"
023-4515
023-4510
023-4525
023-4520
Knob ø 21 mm
packing unit: 100 pieces
17
18.5
a
3.2
17
18.5
a
3.2
≤ 4mm ø
≤ 4 mm ø
Knob
Wing knob
4.3
1.1
Cap
with line
without line
packing unit: 100 pieces
Surface
grey
black
red
blue
yellow
green
matt
041-4015
041-4025
041-4035
041-4045
041-4055
041-4065
glossy
041-4010
041-4020
041-4030
041-4040
041-4050
041-4060
ø21.3
1
Pointer
packing unit: 100 pieces
packing unit: 100 pieces
ø21.3
4.3
with line
without line
Marking
a
d
ø
grey
black
matt
glossy
matt
glossy
8,3
-
4
020-4315
020-4310
020-4325
020-4320
10
4,05
6
020-4415
020-4410
020-4425
020-4420
10
3,2
1/4"
020-4515
020-4510
020-4525
020-4520
8,3
-
4
021-4315
021-4310
021-4325
021-4320
10
4,05
6
021-4415
021-4410
021-4425
021-4420
10
3,2
1/4"
021-4515
021-4510
021-4525
021-4520
without line
with line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com