Electronic Components Datasheet Search
  English  ▼

X  

TD62002AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TD62002AF
Description  7-channel Darlington Sink Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62002AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TD62002AF Datasheet HTML 1Page - Toshiba Semiconductor TD62002AF Datasheet HTML 2Page - Toshiba Semiconductor TD62002AF Datasheet HTML 3Page - Toshiba Semiconductor TD62002AF Datasheet HTML 4Page - Toshiba Semiconductor TD62002AF Datasheet HTML 5Page - Toshiba Semiconductor TD62002AF Datasheet HTML 6Page - Toshiba Semiconductor TD62002AF Datasheet HTML 7Page - Toshiba Semiconductor TD62002AF Datasheet HTML 8Page - Toshiba Semiconductor TD62002AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TD62001~004AP/AF
2006-06-13
3
Recommended Operating Conditions (Ta = −40°C to 85°C)
Characteristics
Symbol
Condition
Min
Typ.
Max
Unit
Output sustaining voltage
VCE (SUS)
0
―
50
V
Duty = 10%
0
―
370
AP
Duty = 50%
0
―
130
Duty = 10%
0
―
233
Output current
AF
IOUT
Tpw = 25 ms
7 circuits
Ta = 85°C
Tj = 120°C
Duty = 50%
0
―
70
mA/ch
Input voltage
Except
TD62001AP/A
F
VIN
0
―
24
V
TD62002
14.5
―
24
TD62003
2.8
―
24
Input voltage (output on)
TD62004
VIN (ON)
IOUT = 400 mA
hFE = 800
6.2
―
24
V
TD62001
0
―
0.6
TD62002
0
―
7.4
TD62003
0
―
0.7
Input voltage (output off)
TD62004
VIN (OFF)
0
―
1.0
V
Input current
Only TD62001
IIN
0
―
10
mA
Clamp diode reverse voltage
VR
―
―
50
V
Clamp diode forward current
IF
―
―
350
mA
AP
Ta = 85°C
―
―
0.76
Power dissipation
AF
PD
Ta = 85°C
(Note)
―
―
0.325
W
Note: When mounted on a glass-epoxy PCB (30 mm
× 30 mm × 1.6 mm, Cu area: 50%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com