Electronic Components Datasheet Search
  English  ▼

X  

0830026 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830026
Description  US-EMP (17X15) YE CUS - Snap-in markers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830026 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830026 Datasheet HTML 1Page - PHOENIX CONTACT 0830026 Datasheet HTML 2Page - PHOENIX CONTACT 0830026 Datasheet HTML 3Page - PHOENIX CONTACT 0830026 Datasheet HTML 4Page - PHOENIX CONTACT 0830026 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Snap-in markers, Card, can be ordered: by card, yellow, labeled according to customer
specifications, mounting type: snapped into marker carrier, Number of individual labels: 54, text
field height: 15 mm, text field width: 17 mm
Your advantages
All US-EMP ... device markers can also be supplied labeled according to customer requirements
•
Commercial data
Item number
0830026
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8149
Catalog page
Page 263 (C-5-2013)
GTIN
4046356613682
Weight per piece (including packing)
15.774 g
Weight per piece (excluding packing)
15.64 g
Country of origin
PL
US-EMP (17X15) YE CUS - Snap-in markers
0830026
https://www.phoenixcontact.com/us/products/0830026
Jun 5, 2025, 5:15AM
Page 1 (5)


Similar Part No. - 0830026

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830020 PHOENIX-0830020 Datasheet
166Kb / 1P
US-WMTB (44X15) OG CUS - Cable marker
0830021 PHOENIX-0830021 Datasheet
184Kb / 5P
US-WMTB (44X15) YE CUS - Cable marker
0830022 PHOENIX-0830022 Datasheet
182Kb / 5P
US-WMTB (44X15) VT CUS - Cable marker
0830023 PHOENIX-0830023 Datasheet
184Kb / 5P
US-WMTB (44X15) BU CUS - Cable marker
0830025 PHOENIX-0830025 Datasheet
180Kb / 5P
US-EMP (17X15) CUS - Snap-in markers
More results

Similar Description - 0830026

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830048 PHOENIX-0830048 Datasheet
51Kb / 3P
All US-EMP ... device markers can also be supplied labeled according to customer requirements
0825427 PHOENIX-0825427 Datasheet
53Kb / 2P
Snap-in markers - UC-EMP (27X8)
0825433 PHOENIX-0825433 Datasheet
55Kb / 3P
Snap-in markers - UC-EMP (27X12,5)
0825445 PHOENIX-0825445 Datasheet
56Kb / 3P
Snap-in markers - UC-EMP (27X18)
0825451 PHOENIX-0825451 Datasheet
52Kb / 2P
Snap-in markers - UC-EMP (27X27)
0827925 PHOENIX-0827925 Datasheet
52Kb / 3P
Snap-in markers - UC-EMP (27X18) RD
0830344 PHOENIX-0830344 Datasheet
49Kb / 3P
Markers for sticking on, screwing or riveting - US-EMLSP (28X10) YE
0825330 PHOENIX-0825330 Datasheet
70Kb / 5P
Snap-in markers - UC-EMP (60X15) YE
09/11/2020
1014118 PHOENIX-1014118 Datasheet
58Kb / 3P
Snap-in markers - UCT-EMP (29X8)
09/11/2020
1014124 PHOENIX-1014124 Datasheet
57Kb / 3P
Snap-in markers - UCT-EMP (40X17) CUS
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com