Electronic Components Datasheet Search
  English  ▼

X  

GC2212 Datasheet(PDF) 1 Page - Comus International

Part # GC2212
Description  REED SWITCHES - Dry Contact
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

GC2212 Datasheet(HTML) 1 Page - Comus International

  GC2212 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
45.0 (1.771)
16.5 (.650)
Rev. No.
A
Revision Note
Web Site 2000
Date
1-1-00
Signature
RG
PART NUMBER
SPECIFICATION
Comus Group of Companies
PRODUCT DATA SHEET
CONTACT FORM
CONTACT MATERIAL
SWITCHING CAPACITY
SWITCHING VOLTAGE
SWITCHING CURRENT
CARRYING CURRENT
DIELECTRIC STRENGTH
CONTACT RESISTANCE
INSULATION RESISTANCE
PULL-IN SENSITIVITY
DROP-OUT SENSITIVITY
SWITCHING TIME WITHOUT BOUNCE
BOUNCE TIME
RELEASE TIME
RESONANT FREQUENCY
OPERATING FREQUENCY
VIBRATION
SHOCK
CAPACITANCE
OPERATING TEMP. RANGE
TEST COIL
Close-differential switches
Max.
Max.
Max.
Max.
Min.
Max.
Min.
Min.
Max.
Max.
Max.
Typ.
Max.
10-1000
Typ.
Deg.
Type
A
Rhodium
10
100
0.2
0.5
150
100
109
15 - 45
DO/PI
≥0.8
1.4
1.0
0.05
3900
500
20
30
0.5
-40 +125
0221
REED SWITCHES - Dry Contact
2212
Drawings not to scale
All dimensions in mm (inches) nominal
FORM AE043 ISS1
As part of the company policy of continued product improvement, specifications may change without notice. Our sales
office will be pleased to help you with the latest information on this product range and details of our full design and
manufacturing service. All products are supplied to our standard conditions of sale otherwise agreed in writing.
©1999 Copyright Comus Group of Companies
W/VA
Vac/dc
A
A
Vdc
m
Ω
Ω
AT
AT
ms
ms
ms
Hz
Hz
Hz
G
pF
˚C
2.8
(.110)
0.35
(.137)
We can supply custom cut and formed switches
NOTE: When cutting or bending switch leads it is important that
the glass seal is not damaged. The cutting or bending point should
be no closer than 3mm (.118) to the glass to metal seal and the
lead should be supported between the cutting or bending point
and the glass to metal seal.
The Comus Group of Companies
consist of:
Assemtech Europe Limited
E. Bachem GmbH
Comus International
W. Gunther GmbH
Gunther Belgium
Gunther France
S.T.G.
Ordering Information
PART NUMBER
2212
15
45
Type
Maximum (AT)
Sensitivity
Minimum (AT)
Sensitivity
Example: Type 2212 Standard Sensitivity. Pull-in sensitivity between 20-30 AT
is PART NO: 2212 20 30


Similar Part No. - GC2212

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GC220 MEANWELL-GC220 Datasheet
193Kb / 2P
220W Single Output Battery Charger
GC220A12 MEANWELL-GC220A12 Datasheet
193Kb / 2P
220W Single Output Battery Charger
logo
Total Power Internation...
GC220A12 TOTAL-POWER-GC220A12 Datasheet
179Kb / 2P
220W Single Output Battery Charger
logo
Mean Well Enterprises C...
GC220A12-AD1 MEANWELL-GC220A12-AD1 Datasheet
179Kb / 2P
220W Single Output Battery Charger
GC220A12-R7B MEANWELL-GC220A12-R7B Datasheet
179Kb / 2P
220W Single Output Battery Charger
More results

Similar Description - GC2212

ManufacturerPart #DatasheetDescription
logo
celduc-relais
F51A CELDUC-F51A Datasheet
128Kb / 2P
REED RELAY / DRY CONTACT
R011 CELDUC-R011 Datasheet
141Kb / 2P
REED RELAY / DRY CONTACT
R029 CELDUC-R029 Datasheet
191Kb / 2P
REED RELAY / DRY CONTACT
R053 CELDUC-R053 Datasheet
108Kb / 2P
REED RELAY / DRY CONTACT
R054 CELDUC-R054 Datasheet
352Kb / 2P
REED RELAY / DRY CONTACT
R055.B00 CELDUC-R055.B00 Datasheet
104Kb / 2P
REED RELAY / DRY CONTACT
R055.B02 CELDUC-R055.B02 Datasheet
91Kb / 2P
REED RELAY / DRY CONTACT
R055.B08 CELDUC-R055.B08 Datasheet
140Kb / 2P
REED RELAY / DRY CONTACT
R058 CELDUC-R058 Datasheet
140Kb / 2P
REED RELAY / DRY REED BISTABLE CONTACT
R0580 CELDUC-R0580 Datasheet
108Kb / 2P
REED RELAY / DRY REED BISTABLE CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com