Electronic Components Datasheet Search
  English  ▼

X  

GC2314 Datasheet(PDF) 1 Page - Comus International

Part # GC2314
Description  Reed Switch - Normally Open Contacts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

GC2314 Datasheet(HTML) 1 Page - Comus International

  GC2314 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Contact Form
Form A (Normally Open)
Contact Material
Rhodium
Switching Capacity
Max.
10 W/VA
Switching Voltage
Max.
400 VDC/AC peak
Switching Current
Max.
0.5 A
Carrying Current
Max.
1.0 A
Dielectric Strength
Min.
600 VDC
Contact Resistance
Max.
150 mOhms
Insulation Resistance
Min.
1011 Ω
Pull - In Sensitivity
10 - 35 AT
Drop - Out Sensitivity
Min.
5 AT
Bounce Time
Max.
0.2 ms
Release Time
Max.
0.05 ms
Resonant Frequency
Typ.
5000 Hz
Operating Frequency
Max.
200 Hz
Vibration (10-1000Hz)
35 g
Shock (11 ms)
50
Capacitance
Typ.
0.7 pF
Operate Temperature Range
-40°C + 125°C
Test Coil
Type
1035
Part Number: GC2314
Reed Switch - Normally Open Contacts
Product Data Sheet
PICTURE
DIMENSIONS
14.5
(0.571)
Ø 2.3
(Ø 0.091)
Ø 0.5
(Ø 0.020)
55.0 (2.165)
Drawings not to scale.
All dimensions in inches (mm) nominal.
ORDERING INFORMATION
NOTE
PART NUMBER
GC 2314 10 35
• Type
• Minimum (AT) Sensitivity
• Maximum (AT) Sensitivity
• When cutting or bending switch leads it is important that the glass
seal is not damaged. The cutting or bending point should be no
closer than 3mm (0.118in.) to the glass to metal seal and the lead
should be supported between the cutting or bending point and the
glass to metal seal.
• WeofferacropandformserviceforReedSwitchestobecustomized
to your specification.
SPECIFICATION
Group
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 42023510
©2016 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Rev: 2 - Date: Mar/8/2016 - Signature: BR
File # E103299
®


Similar Part No. - GC2314

ManufacturerPart #DatasheetDescription
logo
Comus International
GC2310 COMUS-GC2310 Datasheet
89Kb / 1P
Reed Switch - Make Contact Form
GC2315 COMUS-GC2315 Datasheet
369Kb / 1P
Reed Switch - Normally Open Contacts
logo
List of Unclassifed Man...
GC2315R-3-200 ETC2-GC2315R-3-200 Datasheet
330Kb / 2P
Radial Leaded Glass Encapsulated Style
More results

Similar Description - GC2314

ManufacturerPart #DatasheetDescription
logo
celduc-relais
D32A CELDUC-D32A Datasheet
346Kb / 2P
DUAL IN LINE REED RELAY / 2 normally open contacts
logo
HAMLIN Position and Mov...
MLRR-3 HAMLIN-MLRR-3 Datasheet
141Kb / 1P
Miniature normally open switch
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
Normally Open Switch
logo
Teledyne Technologies I...
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
Normally Open Coaxial Switch
CCP-38S TELEDYNE-CCP-38S Datasheet
591Kb / 10P
Normally Open Coaxial Switch
CCS-18 TELEDYNE-CCS-18 Datasheet
1,017Kb / 16P
Normally Open Coaxial Switch
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
Normally Open Coaxial Switch
CT-38S TELEDYNE-CT-38S Datasheet
926Kb / 14P
Normally Open Coaxial Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com