Electronic Components Datasheet Search
  English  ▼

X  

GC2522 Datasheet(PDF) 1 Page - Comus International

Part # GC2522
Description  Reed Switch - Sub-Miniature - Normally Open Contacts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

GC2522 Datasheet(HTML) 1 Page - Comus International

  GC2522 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Contact Form
Form A (Normally Open)
Contact Material
Rhodium
Switching Capacity
Max.
6 VA
Switching Voltage
Max.
140 VAC/DC
Switching Current
Max.
0.5 A
Carrying Current
Max.
0.8 A
Dielectric Strength
Min.
200 VDC
Contact Resistance
Max.
150 mOhms
Insulation Resistance
Min.
109 Ω
Pull - In Sensitivity
10 - 40 AT
Drop - Out Sensitivity
Min.
5
Bounce Time
Max.
0.3 ms
Release Time
Max.
0.05 ms
Resonant Frequency
Typ.
6000 Hz
Operating Frequency
Max.
400 Hz
Vibration (10-1000Hz)
35 g
Shock (11 ms)
50
Capacitance
Typ.
0.5 pF
Operate Temperature Range
-40°C + 125°C
Test Coil
Type
1035
Part Number: GC2522
Reed Switch - Sub-Miniature - Normally Open Contacts
Product Data Sheet
PICTURE
DIMENSIONS
11.0
(0.4331)
Ø 2.1
(Ø 0.0827)
Ø 0.42
(Ø 0.016)
55.0 (2.165)
Drawings not to scale.
All dimensions in mm (inches) nominal.
ORDERING INFORMATION
NOTE
PART NUMBER GC2522 10 40
• Type
• Minimum (AT) Sensitivity
• Maximum (AT) Sensitivity
• When cutting or bending switch leads it is important that the
glass seal is not damaged. The cutting or bending point should
be no closer than 3mm (0.118in.) to the glass to metal seal and
the lead should be supported between the cutting or bending
point and the glass to metal seal.
• We offer a crop and form service for Reed Switches to be cus-
tomized to your specification.
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
SPECIFICATION
Group
File # E103299
®
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 42023510
©2016 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Rev: 2 - Date: Mar/8/2016 - Signature: BR


Similar Part No. - GC2522

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC2522 MICROSEMI-GC2522 Datasheet
173Kb / 3P
POWER GENERATION Step Recovery Diodes
logo
List of Unclassifed Man...
GC2522M5 ETC2-GC2522M5 Datasheet
655Kb / 12P
MODULAR COMPONENTS
More results

Similar Description - GC2522

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLRR-2 ETC1-MLRR-2 Datasheet
68Kb / 1P
Miniature normally open switch with 19.05mm x 2.66mm
logo
celduc-relais
D32A CELDUC-D32A Datasheet
346Kb / 2P
DUAL IN LINE REED RELAY / 2 normally open contacts
logo
HAMLIN Position and Mov...
FLEX-14 HAMLIN-FLEX-14 Datasheet
115Kb / 1P
Sub-miniature normally open switch with 14.00mm x 2.28mm
MDCG-4 HAMLIN-MDCG-4 Datasheet
224Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.28mm
MDRR-6 HAMLIN-MDRR-6 Datasheet
127Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.28mm
MDSR-7 HAMLIN-MDSR-7 Datasheet
126Kb / 1P
Sub-miniature normally open switch with 12.7mm x 1.8mm
MDSR-10 HAMLIN-MDSR-10 Datasheet
130Kb / 1P
Sub-miniature normally open switch with 10.16mm x 1.80mm
MLRR-3 HAMLIN-MLRR-3 Datasheet
141Kb / 1P
Miniature normally open switch
MLRR-4 HAMLIN-MLRR-4 Datasheet
260Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.54mm
logo
Reed Relays and Electro...
SM-1322-L RRE-SM-1322-L Datasheet
109Kb / 1P
Sub-miniature Reed Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com