Electronic Components Datasheet Search
  English  ▼

X  

GC3525 Datasheet(PDF) 1 Page - Comus International

Part # GC3525
Description  Reed Switch - Compact - Change-Over Contacts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

GC3525 Datasheet(HTML) 1 Page - Comus International

  GC3525 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Contact Form
Change-Over
Contact Material
Rhodium
Switching Capacity
Max.
5 VA
Switching Voltage
Max.
100 VAC/DC
Switching Current
Max.
0.5 A
Carrying Current
Max.
1.0 A
Dielectric Strength
Min.
200 VDC
Contact Resistance
Max.
150 mOhms
Insulation Resistance
Min.
109 Ω
Pull - In Sensitivity
15 - 50 AT
Drop - Out Sensitivity
Min.
8 AT
Operate Time
Max.
1.5 ms
Bounce Time
Max.
0.6 ms
Release Time
Max.
1.5 ms
Operating Frequency
Max.
250 Hz
Vibration (10-1000Hz)
35 G
Shock (11 ms)
50
Capacitance
Typ.
1.5 pF
Operate Temperature Range
-40°C + 125°C
Test Coil
Type
1035
Part Number: GC3525
Reed Switch - Compact - Change-Over Contacts
Product Data Sheet
PICTURE
DIMENSIONS
14
(0.551)
Ø 0.5
(Ø 0.019)
Ø 2.6
(Ø 0.102)
54.5 (2.145)
Drawings not to scale. All dimensions in mm (inches) nominal.
ORDERING INFORMATION
NOTE
PART NUMBER
GC 3525 15 50
• Type
• Minimum (AT) Sensitivity
• Maximum (AT) Sensitivity
• When cutting or bending switch leads it is important that
the glass seal is not damaged. The cutting or bending
point should be no closer than 3mm (.118 in.) to the glass
to metal seal and the lead should be supported between
the cutting or bending point and the glass to metal seal.
• We offer a crop and form service for Reed Switches to
be customized to your specification.
SPECIFICATION
Example:
Type 3525 Standard Sensitivity. Pull-in sensitivity between 15-50 AT is
PART NO: 3525 15 50.
Group
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 42023510
©2016 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Rev: 0 - Date: Oct/6/2016 - Signature: BR
File # E103299
®


Similar Part No. - GC3525

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
GC352818-ATC2 CTMICRO-GC352818-ATC2 Datasheet
1Mb / 10P
SMD Type Green Emitter
Rev 1 Sep, 2020
More results

Similar Description - GC3525

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD221 ETC-ORD221 Datasheet
78Kb / 8P
REED SWITCH
logo
celduc-relais
CD29 CELDUC-CD29 Datasheet
54Kb / 2P
REED SWITCH DRY CONTACT CHANGE OVER
F72C CELDUC-F72C Datasheet
144Kb / 2P
REED RELAY / 2 CHANGE OVER MERCURY CONTACTS
IBXXXXX CELDUC-IBXXXXX Datasheet
70Kb / 1P
TIP OVER SWITCH- NO MERCURY CONTACTS
R025 CELDUC-R025 Datasheet
157Kb / 2P
REED RELAY / CHANGE OVER DRY CONTACT
R072 CELDUC-R072 Datasheet
91Kb / 2P
REED RELAY / 2 CHANGE OVER MERCURY CONTACTS
R0583 CELDUC-R0583 Datasheet
96Kb / 2P
REED RELAY / BISTABLE CHANGE OVER DRY CONTACT
R0861 CELDUC-R0861 Datasheet
147Kb / 2P
REED RELAY / 1 CHANGE OVER MERCURY CONTACT
logo
OKI electronic componet...
ORD211 OKI-ORD211 Datasheet
94Kb / 8P
REED SWITCH
logo
ABB
OT40F3C ABB-OT40F3C Datasheet
101Kb / 3P
CHANGE-OVER SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com