Electronic Components Datasheet Search
  English  ▼

X  

CYT809 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CYT809
Description  3-Pin Microprocessor Reset Monitor (Preliminary)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CYT809 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CYT809 Datasheet HTML 1Page - List of Unclassifed Manufacturers CYT809 Datasheet HTML 2Page - List of Unclassifed Manufacturers CYT809 Datasheet HTML 3Page - List of Unclassifed Manufacturers CYT809 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary and all contents are subject to change without prior notice.
2
CYT809
3-Pin Microprocessor
Reset Monitor
(Preliminary)
Absolute Maximum Ratings(1)
Parameter
Symbol
Value
Units
Input Voltage
VCC
5.5
V
Output Voltage
RESET
-0.3 to (VCC + 0.3)
V
Input Current
--
20
mA
Output Current
IOUT
20
mA
Power Dissipation
PD
Internally Limited
(3)
Output Short Circuit Duration
Infinite
Thermal Resistance, Junction-to-Ambient
ΘJA
230
°C/W
Operating Temperature Range
TA
0 ~ 85
℃
Lead Temperature (Soldering, 10 sec.)
260
°C
Junction Temperature
TJ
0 to +125
°C
Storage Temperature
TS
-60 to +150
°C
Operating Rating(2)
Parameter
Symbol
Value
Units
Supply Input Voltage
VCC
+2.0V to +5.5
V
Junction Temperature
TJ
0 to +125
°C
Ordering/Marking Information
Ordering Information
Marking Information
CYT809xS
•
9xa
0
C8
Suffix
Reset VCC threshold(V)
L
4.63
M
4.38
J
4.00
T
3.08
S
2.93
R
2.63
Starting with 8, a bar on top of 8 is for production
year 2003, and underlined 1 is for year 2004. The
next character is marked on top for 2005, and
underlined for 2006. The naming pattern continues
with consecutive characters for later years.
The “x” denotes a suffix for VCC threshold .
The last character is the week code. (
A-Z: 1-26,
a-z: 27-52)
A dot on top right corner is for lead-free process.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com