Electronic Components Datasheet Search
  English  ▼

X  

T52 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T52
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T52 Datasheet(HTML) 2 Page - Vishay Siliconix

  T52 Datasheet HTML 1Page - Vishay Siliconix T52 Datasheet HTML 2Page - Vishay Siliconix T52 Datasheet HTML 3Page - Vishay Siliconix T52 Datasheet HTML 4Page - Vishay Siliconix T52 Datasheet HTML 5Page - Vishay Siliconix T52 Datasheet HTML 6Page - Vishay Siliconix T52 Datasheet HTML 7Page - Vishay Siliconix T52 Datasheet HTML 8Page - Vishay Siliconix T52 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
T52
www.vishay.com
Vishay
Revision: 21-Jul-2021
2
Document Number: 40216
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Rating in development, contact factory for availability
CASE CODE M1, M9
CASE CODE EIA SIZE H (MAX.)
L
W
P1
P2 (REF.)
C
B (REF.)
D (REF.)
M1
7360-20
0.079
[2.0]
0.287 ± 0.012
[7.3 ± 0.3]
0.236 ± 0.012
[6.0 ± 0.3]
0.075 ± 0.008
[1.9 ± 0.2]
0.138
[3.5]
0.177 ± 0.008
[4.5 ± 0.2]
0.079
[2.0]
0.020
[0.5]
M9
7360-19
0.075
[1.9]
0.287 ± 0.012
[7.3 ± 0.3]
0.236 ± 0.012
[6.0 ± 0.3]
0.075 ± 0.008
[1.9 ± 0.2]
0.138
[3.5]
0.177 ± 0.008
[4.5 ± 0.2]
0.079
[2.0]
0.020
[0.5]
RATINGS AND CASE CODES (ESR m
)
μF
10 V
16 V
20 V
25 V
35 V
47
B2 (200)
E5 (55, 70, 100)
E5 (55, 70, 100)
100
E5 (55, 70, 100)
M1 (55, 70, 100),
M9 (55, 70 100)
150
E5 (50, 70, 100)
M1 (55, 70, 100)
220
M1 (55)
M1 (55, 70)
M1 (55, 70, 100)
330
M1 (55)
M1 (40, 55)
470
M1 (55) (1)
MARKING
CAPACITANCE CODE
CAPACITANCE, μF
CODE
47
476
100
107
150
157
220
227
330
337
470
477
DIMENSIONS in inches [millimeters]
A
A
P1
P2
P1
L
Anode polarity mark
Anode
termination
D
0.25 mm Ref.
Cathode
termination
View A
Both sides typical
Polarity
mark
Capacitance code
Voltage
107
2
35
9
9
Polarity
mark
“9” character indicates M9 case only
Vishay
marking
M1, M9 case
Polarity
mark
Capacitance
code
Voltage
476
2
35
Polarity
mark
Vishay
marking
E5, B2 case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com