Electronic Components Datasheet Search
  English  ▼

X  

0ABB Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0ABB
Description  0603 Time Delay SMD Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ABB Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0ABB Datasheet HTML 1Page - Bel Fuse Inc. 0ABB Datasheet HTML 2Page - Bel Fuse Inc. 0ABB Datasheet HTML 3Page - Bel Fuse Inc. 0ABB Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type 0ABB
2 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300,
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2024 Bel Fuse, Inc.
Rev. 0ABB Sep2024
Temperature Derating Curve
Average Time Current Curve
Normal ambient temperature: 23±3℃
Operating temperature: -55 ~ 150℃, with proper
correction factor applied
Electrical Specifications
Part Number
Ampere
Rating
Alpha
Mark
Typical Cold
Resistance
(mohms)
Typical Voltage
Drop (mV)
Typical Pre-
Arcing I²t
(A²s)
Voltage and
Interrupting
Ratings
Agency
Approvals
0ABB-1000-TM
1A
B
160
300
0.012
See Table of
Safety
Approvals on
Page 1 for
Voltage and
associated
Interrupting
Ratings
Y
0ABB-1500-TM
1.5A
H
150
270
0.045
Y
0ABB-2000-TM
2A
K
78
160
0.115
Y
0ABB-2500-TM
2.5A
L
49
145
0.14
Y
0ABB-3000-TM
3A
O
35
130
0.28
Y
0ABB-3500-TM
3.5A
R
28
130
0.5
Y
0ABB-4000-TM
4A
S
18
120
0.6
Y
0ABB-5000-TM
5A
T
14
110
1.9
Y
0ABB-6000-TM
6A
V*
11
110
2.3
Y
0ABB-7000-TM
7A
X*
9.5
90
3
Y
0ABB-8000-TM
8A
Z*
7.0
80
4.5
Y
Consult manufacturer for other ratings
* The glass cover for the 6A, 7A and 8A is BLUE, It is GREEN for the other ratings.
DC Cold Resistance are measured at <10% of rated current in ambient temperature of 25 degrees
Typical Pre-arcing I2t are measured at 10In Current.
Application testing is strongly recommended.
Specifications subject to change without notice
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
-65
-45
-25
-5
15
35
55
75
95
115 135 155
Ambient Temperature °C
0.0001
0.001
0.01
0.1
1
10
100
1
10
100
1000
Current (Ampere)
Time Current Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com