Electronic Components Datasheet Search
  English  ▼

X  

0ADKC Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0ADKC
Description  Time-Delay, Ceramic Tube Fuse Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ADKC Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0ADKC Datasheet HTML 1Page - Bel Fuse Inc. 0ADKC Datasheet HTML 2Page - Bel Fuse Inc. 0ADKC Datasheet HTML 3Page - Bel Fuse Inc. 0ADKC Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type 0ADKC / 0ADKP
Time-Delay, Ceramic Tube Fuse Series
belfuse.com/circuit-protection
0ADKC/0ADKP Series, 5x20mm Ceramic Tube Time-Delay Fuse
RoHS Compliant
Description
A 600Vac / 500Vdc rated ceramic tube cartridge fuse in a compact 5 x 20mm Package.
Features
- Time-delay, high breaking capacity
- Ceramic tube, Silver plated copper cap construction
- Available in cartridge and pigtail axial lead
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- Halogen Free
- Lead Free
Applications
- Industrial Power Supplies
LEAD FREE =
- DC/DC modules
HALOGEN FREE =
Physical Specifications
Safety Agency Approvals
Electrical Characteristics
Rated Current
1.5In
2.1In
2.75In
3.0In
4.0In
10.0In
<1A
1 hour min.
N/A
N/A
120sec max
N/A
N/A
1A-3.15A
1 hour min.
30min. max.
750ms-80sec
N/A
95ms-5sec
10ms-150ms
4A-6.3A
1 hour min.
30min. max.
750ms-80sec
N/A
150ms-5sec
10ms-150ms
8A-20A
30min. min
30min. max.
750ms-80sec
N/A
150ms-8sec
10ms-150ms
Materials
Body : Ceramic
Cap : Silver Plated Copper Alloy
Pigtail Leads : Tin Plated Copper
Marking
On Fuse :
"bel"
"0ADK","Current Rating", "Voltage Rating", "Appropriate Safety Logos"
On Label :
"bel",
"0ADKC”or”0ADKP","Current Rating","Voltage Rating","Interrupting Rating",
"Appropriate Safety Logos" and "
", "
"(China RoHS compliant).
Safety
Agency
Safety Agency
Certificate
Ampere Rating/
Voltage Rating
Ampere Range /
Volt @ I.R. ability*
E20624
500mA
–20A/600V AC
500mA
–20A/500V DC
500mA
–10A/400V DC
500mA
–20A/600V@200A AC
500mA
–20A/500V@300A DC
500mA
–10A/400V@2KA DC
B 058849 0020
1A
–16A/500V AC/ DC
1A
–10A/500V@500A AC
12A
–16A/500V@200A AC
1A
–16A/500V@ 1KA DC
*I.R.= Interrupting Rating = Short Circuit Rating(Amps)
Specifications subject to change without notice


Similar Part No. - 0ADKC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ADKC BEL-0ADKC Datasheet
1Mb / 4P
TIME DELAY CERAMIC TUBE FUSE SERIES
0ADKC0500-XX BEL-0ADKC0500-XX Datasheet
1Mb / 4P
TIME DELAY CERAMIC TUBE FUSE SERIES
0ADKC0630-XX BEL-0ADKC0630-XX Datasheet
1Mb / 4P
TIME DELAY CERAMIC TUBE FUSE SERIES
0ADKC0800-XX BEL-0ADKC0800-XX Datasheet
1Mb / 4P
TIME DELAY CERAMIC TUBE FUSE SERIES
0ADKC1000-XX BEL-0ADKC1000-XX Datasheet
1Mb / 4P
TIME DELAY CERAMIC TUBE FUSE SERIES
More results

Similar Description - 0ADKC

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S505-500-R COOPER-S505-500-R Datasheet
379Kb / 2P
5 x 20mm Time-Delay, Ceramic Tube Fuses
S505-2-R COOPER-S505-2-R Datasheet
380Kb / 2P
5 x 20mm Time-Delay, Ceramic Tube Fuses
MDA-15-R COOPER-MDA-15-R Datasheet
109Kb / 2P
MDA Series, Time Delay, Ceramic Tube
BK-MDL-3 COOPER-BK-MDL-3 Datasheet
267Kb / 2P
Time-Delay, Glass Tube Fuses
logo
Bel Fuse Inc.
0ADKC BEL-0ADKC Datasheet
1Mb / 4P
TIME DELAY CERAMIC TUBE FUSE SERIES
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
Time-delay ceramic tube fuses
1025TD EATON-1025TD Datasheet
471Kb / 2P
Time-delay surface mount fuse
3216TD EATON-3216TD Datasheet
566Kb / 2P
Time-delay Chip??surface mount fuse
6125TD EATON-6125TD Datasheet
348Kb / 2P
Time-delay surface mount fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com