Electronic Components Datasheet Search
  English  ▼

X  

TLBC1002 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLBC1002
Description  Panel Circuit Indicator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLBC1002 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TLBC1002 Datasheet HTML 3Page - Toshiba Semiconductor TLBC1002 Datasheet HTML 4Page - Toshiba Semiconductor TLBC1002 Datasheet HTML 5Page - Toshiba Semiconductor TLBC1002 Datasheet HTML 6Page - Toshiba Semiconductor TLBC1002 Datasheet HTML 7Page - Toshiba Semiconductor TLBC1002 Datasheet HTML 8Page - Toshiba Semiconductor TLBC1002 Datasheet HTML 9Page - Toshiba Semiconductor TLBC1002 Datasheet HTML 10Page - Toshiba Semiconductor TLBC1002 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TL(BC,EGC)1002(T02)
2007-10-01
7
•
Reflow soldering (example)
• The products are evaluated using above reflow soldering conditions. No additional test is performed exceed the
condition (i.e. the condition more than (*)MAX values) as a evaluation. Please perform reflow soldering under
the above conditions.
• Please perform the first reflow soldering with reference to the above temperature profile and within 72 h of
opening the package.
• Second reflow soldering
In case of second reflow soldering should be performed within 72 h of the first reflow under the above conditions.
Storage conditions before the second reflow soldering: 30
°C, 70% RH (max)
• Make any necessary soldering corrections manually.
(only once at each soldering point)
Soldering iron: 25 W
Temperature : 300
°C or less
Time
: within 3 s
• Do not perform wave soldering.
Recommended soldering pattern
Cleaning
When cleaning is required after soldering, Toshiba recommends the following cleaning solvents.
It is confirmed that these solvents have no effect on semiconductor devices in our dipping test (under the
recommended conditions). In selecting the one for your actual usage, please perform sufficient review
on washing condition, using condition and etc.
ASAHI CLEAN AK-225AES
: (made by ASAHI GLASS)
KAO CLEAN TROUGH 750H
: (made by KAO)
PINE ALPHA ST-100S
: (made by ARAKAWA CHEMICAL)
TOSHIBA TECHNOCARE
: (made by GE TOSHIBA SILICONES)
(FRW-17, FRW-1, FRV-100)
Precaution when mounting
Do not apply force to the plastic part of the LED under high-temperature conditions.
To avoid damaging the LED plastic, do not apply friction using a hard material.
When installing the PCB in a product, ensure that the device does not come into contact with other cmponents.
1.2
1.0
1.2
(1.2)
Unit: mm
Temperature profile for Pb-free soldering (example)
Time (s)
150~180
°C max
4
°C/s max
5 s max
260
°C max
4
°C/s max
30~50 s max
230
°C
60~120 s max
(*)
(*)
(*)
(*)
(*)
(*)
(*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com