Electronic Components Datasheet Search
  English  ▼

X  

MSG Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # MSG
Description  THERMAL MANAGEMENT PRESSURE AND TEMPERATURE SENSORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MSG Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  MSG Datasheet HTML 1Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Benefits
• Combined or discrete P+T sensing
• Wide selection of technologies, sealing methods, form factors, ports
and connectors
• Wide refrigerant / coolant resistance (R134a, R1234yf, R744, glycol, oil)
• Analog, SENT or LIN output
• High accuracy levels <1.5% FS
• Fast temperature response T90 = 3 sec
• Enables future thermal management strategies for cabin, combustion
engine, E-motor and battery
• Allows for feedback to control the A/C compressor for increased fuel
economy
• Controls electronic expansion valves for highest efficiency and battery
range
• Enables right sizing of electric motors, creating savings on total systems
cost
HOW IT WORKS
Page 1
Americas
+1 (800) 350 2727
sensors@sensata.com
switches@sensata.com
Europe, Middle East & Africa
+359 (2) 809 1826
pressure-info.eu@sensata.com
Asia Pacific
sales.isasia@list.sensata.com
China +86 (21) 2306 1500
Japan +81 (45) 277 7117
Korea +82 (31) 601 2004
India +91 (80) 67920890
Rest of Asia +886 (2) 27602006
ext 2808
Rev:11/15/18
www.sensata.com
CONTACT US
Copyright © 2018 Sensata Technologies, Inc.
Sensata Technologies, Inc. (“Sensata”) data sheets are solely intended to assist designers (“Buyers”) who are developing systems that
incorporate Sensata products (also referred to herein as “components”). Buyer understands and agrees that Buyer remains responsible
for using its independent analysis, evaluation and judgment in designing Buyer’s systems and products. Sensata data sheets have
been created using standard laboratory conditions and engineering practices. Sensata has not conducted any testing other than that
specifically described in the published documentation for a particular data sheet. Sensata may make corrections, enhancements,
improvements and other changes to its data sheets or components without notice.
Buyers are authorized to use Sensata data sheets with the Sensata component(s) identified in each particular data sheet. HOWEVER, NO
OTHER LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE TO ANY OTHER SENSATA INTELLECTUAL PROPERTY RIGHT, AND
NO LICENSE TO ANY THIRD PARTY TECHNOLOGY OR INTELLECTUAL PROPERTY RIGHT, IS GRANTED HEREIN. SENSATA DATA SHEETS
ARE PROVIDED “AS IS”. SENSATA MAKES NO WARRANTIES OR REPRESENTATIONS WITH REGARD TO THE DATA SHEETS OR USE
OF THE DATA SHEETS, EXPRESS, IMPLIED OR STATUTORY, INCLUDING ACCURACY OR COMPLETENESS. SENSATA DISCLAIMS
ANY WARRANTY OF TITLE AND ANY IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, QUIET
ENJOYMENT, QUIET POSSESSION, AND NON-INFRINGEMENT OF ANY THIRD PARTY INTELLECTUAL PROPERTY RIGHTS WITH REGARD
TO SENSATA DATA SHEETS OR USE THEREOF.
All products are sold subject to Sensata’s terms and conditions of sale supplied at www.sensata.com SENSATA ASSUMES NO LIABILITY
FOR APPLICATIONS ASSISTANCE OR THE DESIGN OF BUYERS’ PRODUCTS. BUYER ACKNOWLEDGES AND AGREES THAT IT IS SOLELY
RESPONSIBLE FOR COMPLIANCE WITH ALL LEGAL, REGULATORY AND SAFETY-RELATED REQUIREMENTS CONCERNING ITS PRODUCTS,
AND ANY USE OF SENSATA COMPONENTS IN ITS APPLICATIONS, NOTWITHSTANDING ANY APPLICATIONS-RELATED INFORMATION
OR SUPPORT THAT MAY BE PROVIDED BY SENSATA.
Mailing Address: Sensata Technologies, Inc., 529 Pleasant Street, Attleboro, MA 02703, USA.
| THERMAL MANAGEMENT PRESSURE AND TEMPERATURE SENSORS
APT | MSG
Accurate and robust measurement of pressure and temperature for control and monitoring of the thermal management system
Introduction
Refrigerant
/ Coolant
Pressure
Diaphragm
Mechanical
Deflection
(Ceramic or
Metal)
Output signal
proportional
to pressure
(analog or
digital)
Conditioning
Electronics
(ASIC)
Change in
capacitance
or Silicon
Piezo-resistive
effect


Similar Part No. - MSG

ManufacturerPart #DatasheetDescription
logo
3M Electronics
MSG-6xxx 3M-MSG-6xxx Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Chip Integration Techno...
MSG061P03G CITC-MSG061P03G Datasheet
833Kb / 11P
P-Channel Enhancement Mode MOSFET
logo
Microsemi Corporation
MSG104 MICROSEMI-MSG104 Datasheet
87Kb / 2P
1 Amp Schottky Rectifier
MSG104 MICROSEMI-MSG104 Datasheet
97Kb / 2P
1 Amp Schottky Rectifer
MSG104 MICROSEMI-MSG104_07 Datasheet
97Kb / 2P
1 Amp Schottky Rectifer
More results

Similar Description - MSG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
Complete Thermal and System Management Controller
3/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
Maxim Integrated Produc...
MAX7500-MAX7502 MAXIM-MAX7500-MAX7502 Datasheet
1Mb / 13P
Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Rev 1; 10/04
logo
List of Unclassifed Man...
CY8CKIT-036 ETC2-CY8CKIT-036 Datasheet
2Mb / 48P
THERMAL MANAGEMENT EXPANSION
PLW114050 ETC2-PLW114050 Datasheet
260Kb / 3P
Thermal Management
logo
STMicroelectronics
TN1180 STMICROELECTRONICS-TN1180 Datasheet
151Kb / 9P
How to interpret pressure and temperature readings in pressure sensors
27-May-2014
logo
Vicor Corporation
PFM4914XB6M24D0YZZ VICOR-PFM4914XB6M24D0YZZ Datasheet
6Mb / 24P
Versatile thermal management
logo
TE Connectivity Ltd
MS4515DO TEC-MS4515DO Datasheet
465Kb / 16P
Combination Temperature and Pressure
MS4525DO TEC-MS4525DO Datasheet
501Kb / 17P
Combination Temperature and Pressure
logo
NXP Semiconductors
MPXV2050G NXP-MPXV2050G Datasheet
340Kb / 15P
50 kPa Temperature Compensated Pressure Sensors
Rev. 2-22 April 2021
logo
Maxim Integrated Produc...
MAX7500 MAXIM-MAX7500_V01 Datasheet
1Mb / 13P
Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com