Electronic Components Datasheet Search
  English  ▼

X  

ISL72026ASEHF Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL72026ASEHF
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026ASEHF Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL72026ASEHF Datasheet HTML 18Page - Renesas Technology Corp ISL72026ASEHF Datasheet HTML 19Page - Renesas Technology Corp ISL72026ASEHF Datasheet HTML 20Page - Renesas Technology Corp ISL72026ASEHF Datasheet HTML 21Page - Renesas Technology Corp ISL72026ASEHF Datasheet HTML 22Page - Renesas Technology Corp ISL72026ASEHF Datasheet HTML 23Page - Renesas Technology Corp ISL72026ASEHF Datasheet HTML 24Page - Renesas Technology Corp ISL72026ASEHF Datasheet HTML 25Page - Renesas Technology Corp ISL72026ASEHF Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
FN8861 Rev. 1.00
Page 22 of 28
Jul 27, 2017
ISL72026ASEH
4. Functional Description
4.5
Listen Mode
When a high level is applied to the RS pin, the device enters Low Power Listen mode. The driver of the transceiver
is switched off to conserve power while the receiver remains active. In Listen mode, the transceiver draws 2mA
(max) of current.
A low level on the RS pin brings the device back to normal operation.
4.6
Loopback Mode
When a high level is applied to the LBK pin, the device enters the loopback state. The transceiver CANH and
CANL pins are disconnected from the bus. The driver and receiver circuitry of the transceiver remains active to
allow for diagnostic testing of the node.
4.7
Using 3.3V Devices in 5V Systems
The differential voltages and common-mode outputs are the same for both the 3.3V and 5V devices. The dominant
common-mode output voltage for the 3.3V device is slightly lower than that of the 5V counterparts. The receiver
specifications for both devices are also the same. Although the electrical parameters appear compatible, perform
necessary system testing to verify interchangeable operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com