Electronic Components Datasheet Search
  English  ▼

X  

QPC1251Q Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPC1251Q
Description  BROADBAND HIGH LINEARITY E-CALL ANTENNA ROUTING SWITCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC1251Q Datasheet(HTML) 4 Page - Qorvo, Inc

  QPC1251Q Datasheet HTML 1Page - Qorvo, Inc QPC1251Q Datasheet HTML 2Page - Qorvo, Inc QPC1251Q Datasheet HTML 3Page - Qorvo, Inc QPC1251Q Datasheet HTML 4Page - Qorvo, Inc QPC1251Q Datasheet HTML 5Page - Qorvo, Inc QPC1251Q Datasheet HTML 6Page - Qorvo, Inc QPC1251Q Datasheet HTML 7Page - Qorvo, Inc QPC1251Q Datasheet HTML 8Page - Qorvo, Inc QPC1251Q Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
QPC1251Q
BROADBAND HIGH LINEARITY e-CALL ANTENNA ROUTING SWITCH
QPC1251Q DS REV(B) | Subject to change without notice
4 of 20
www.qorvo.com
1)
Recommended EVB schematic/layout/BOM/PCB to be followed in order to achieve specified performance.
Pin Configuration and Description
1
32
31
29
23
2
3
7
8
9
10
11
17
22
21
20
19
18
GND
VIO
DGND
SDATA
SCLK
GND
GND
GND
GND
30
12
28
GND
27
26
25
24
13
14
15
16
RFFE V2.1
Controller
6
5
4
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Intermodulation
Any Active Path
INPUT IP2
f1=2550MHz, f2=120MHz, Pin1=20dBm,
Pin2=-15dBm, Rx=2670MHz
120
dBm
INPUT IP3
f1=2535MHz, f2=2415MHz,
Pin1=Pin2=25dBm/tone, Rx=2655MHz
72
dBm
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Return Loss
Any Active Path
617 MHz to 960 MHz
-24
dB
1427 MHz to 2700 MHz
-22
dB
3300 MHz to 6000 MHz
-17
dB
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com