Electronic Components Datasheet Search
  English  ▼

X  

MP6530GF Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6530GF
Description  5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6530GF Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6530GF Datasheet HTML 6Page - Monolithic Power Systems MP6530GF Datasheet HTML 7Page - Monolithic Power Systems MP6530GF Datasheet HTML 8Page - Monolithic Power Systems MP6530GF Datasheet HTML 9Page - Monolithic Power Systems MP6530GF Datasheet HTML 10Page - Monolithic Power Systems MP6530GF Datasheet HTML 11Page - Monolithic Power Systems MP6530GF Datasheet HTML 12Page - Monolithic Power Systems MP6530GF Datasheet HTML 13Page - Monolithic Power Systems MP6530GF Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MP6530–5V TO 60V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6530 Rev. 1.13
www.MonolithicPower.com
10
8/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Charge
Pump
VIN
RSENSE
SHA
GND
Fault
Handling
SC
Comparator
Timing and
Control
Logic
ENB
ENA
DT
nSLEEP
CPA
CPB
VIN
VREG
GHA
GLA
PWMA
ENC
PWMC
PWMB
HS Gate
Drive
LS Gate
Drive
Trickle
Charge
Phase A,
repeat for
B&C
LSS
nFAULT
RDT
BSTA
VREG
OCREF
VDS
Monitor
0.5V
OCP
Comparator
VIN
TSD
UVLO
VIN
VREG
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com