Electronic Components Datasheet Search
  English  ▼

X  

MP6530GF-Z Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6530GF-Z
Description  5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6530GF-Z Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6530GF-Z Datasheet HTML 3Page - Monolithic Power Systems MP6530GF-Z Datasheet HTML 4Page - Monolithic Power Systems MP6530GF-Z Datasheet HTML 5Page - Monolithic Power Systems MP6530GF-Z Datasheet HTML 6Page - Monolithic Power Systems MP6530GF-Z Datasheet HTML 7Page - Monolithic Power Systems MP6530GF-Z Datasheet HTML 8Page - Monolithic Power Systems MP6530GF-Z Datasheet HTML 9Page - Monolithic Power Systems MP6530GF-Z Datasheet HTML 10Page - Monolithic Power Systems MP6530GF-Z Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MP6530–5V TO 60V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6530 Rev. 1.13
www.MonolithicPower.com
7
8/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 24V, OCREF = 0.5V, RDT = 200k, ENA = ENC = H, fPWMA = 20kHz, TA = 25°C,
resistor + inductor load: 5
Ω + 1mH/phase with star connection, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com