Electronic Components Datasheet Search
  English  ▼

X  

TL092 Datasheet(PDF) 5 Page - Texas Instruments

Part # TL092
Description  DUAL JFET-INPUT OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL092 Datasheet(HTML) 5 Page - Texas Instruments

  TL092 Datasheet HTML 1Page - Texas Instruments TL092 Datasheet HTML 2Page - Texas Instruments TL092 Datasheet HTML 3Page - Texas Instruments TL092 Datasheet HTML 4Page - Texas Instruments TL092 Datasheet HTML 5Page - Texas Instruments TL092 Datasheet HTML 6Page - Texas Instruments TL092 Datasheet HTML 7Page - Texas Instruments TL092 Datasheet HTML 8Page - Texas Instruments TL092 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TL092
DUAL JFET INPUT OPERATIONAL AMPLIFIER
SLOS372 − JUNE 2001
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VI = ±10 V (see Figure 1),
CL = 100 pF,
RL = 2 kΩ
0.6
V/
µs
tr
Rise time
∆VO = 50 mV (see Figure 1),
CL = 100 pF,
RL = 2 kΩ
0.2
µs
tf
Fall time
∆VO = 50 mV (see Figure 1),
CL = 100 pF,
RL = 2 kΩ
0.2
µs
Overshoot factor
∆VO = 50 mV (see Figure 1),
CL = 100 pF,
RL = 2 kΩ
20%
Crossover distortion
VIPP = 30 mV, VO(PP) = 2 V,
f = 10 kHz
1%
Vn
Equivalent input
noise voltage
RS = 100 Ω,
f = 1 kHz
34
nV/
√Hz
PARAMETER MEASUREMENT INFORMATION
VI
CL = 100 pF
RL = 2 kΩ
OUT
Figure 1. Unity-Gain Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com