Electronic Components Datasheet Search
  English  ▼

X  

TL1464 Datasheet(PDF) 4 Page - Texas Instruments

Part # TL1464
Description  QUAD PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL1464 Datasheet(HTML) 4 Page - Texas Instruments

  TL1464 Datasheet HTML 1Page - Texas Instruments TL1464 Datasheet HTML 2Page - Texas Instruments TL1464 Datasheet HTML 3Page - Texas Instruments TL1464 Datasheet HTML 4Page - Texas Instruments TL1464 Datasheet HTML 5Page - Texas Instruments TL1464 Datasheet HTML 6Page - Texas Instruments TL1464 Datasheet HTML 7Page - Texas Instruments TL1464 Datasheet HTML 8Page - Texas Instruments TL1464 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TL1464I
QUAD PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS266 – FEBRUARY 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BOOT CAP.H-1
33
Boot strap capacitor connect pin (CH 1)
BOOT CAP.L-1
34
Boot-strap capacitor connect pin (CH-1)
BOOT CAP.H-2
39
Boot strap capacitor connect pin (CH 2)
BOOT CAP.L-2
40
Boot-strap capacitor connect pin (CH-2)
BOOT CAP.H-3
46
Boot strap capacitor connect pin (CH 3)
BOOT CAP.L-3
45
Boot-strap capacitor connect pin (CH-3)
BOOT CAP.H-4
4
Boot strap capacitor connect pin (CH 4)
BOOT CAP.L-4
3
Boot-strap capacitor connect pin (CH-4)
CT
14
Timing capacitor connect pin
DTC-1
31
Dead-time control input pin (CH-1)
DTC-2
26
Dead-time control input pin (CH-2)
FEEDBACK-1
27
Error amplifier output pin (CH-1)
FEEDBACK-2
22
Error amplifier output pin (CH-2)
FEEDBACK-3
11
Error amplifier output pin (CH-3)
FEEDBACK-4
8
Error amplifier output pin (CH-4)
GND
17
Ground pin
INV INPUT-1
28
Error amplifier inverting input pin (CH-1)
INV INPUT-2
23
Error amplifier inverting input pin (CH-2)
INV INPUT-3
10
Error amplifier inverting input pin (CH-3)
INV INPUT-4
7
Error amplifier inverting input pin (CH-4)
NONINV INPUT-1
29
Error amplifier noninverting input pin (CH-1)
NONINV INPUT-2
24
Error amplifier noninverting input pin (CH-2)
NONINV INPUT-3
9
Error amplifier noninverting input pin (CH-3)
NONINV INPUT-4
6
Error amplifier noninverting input pin (CH-4)
OUTPUT-1
35
Output pin (CH-1)
OUTPUT-2
41
Output pin (CH-2)
OUTPUT-3
44
Output pin (CH-3)
OUTPUT-4
2
Output pin (CH-4)
OUTPUT BIAS-1
32
Output ON current setup pin (CH-1)
OUTPUT BIAS-2
38
Output ON current setup pin (CH-2)
OUTPUT BIAS-3
47
Output ON current setup pin (CH-3)
OUTPUT BIAS-4
5
Output ON current setup pin (CH-4)
OUTPUT GND-1,2
37
Output ground pin (CH-1,2)
OUTPUT GND-3,4
48
Output ground pin (CH-3,4)
OUTPUT MONITOR-1
30
Output monitor comparator input pin (CH-1)
OUTPUT MONITOR-2
25
Output monitor comparator input pin (CH-2)
OUTPUT VCC-1
36
Output supply pin (CH-1)
OUTPUT VCC-2
42
Output supply pin (CH-2)
OUTPUT VCC-3
43
Output supply pin (CH-3)
OUTPUT VCC-4
1
Output supply pin (CH-4)
RT
13
Timing resistor connect pin
SCP
15
Short-circuit protection capacitor connect pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com