Electronic Components Datasheet Search
  English  ▼

X  

TL34071P Datasheet(PDF) 1 Page - Texas Instruments

Part # TL34071P
Description  HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL34071P Datasheet(HTML) 1 Page - Texas Instruments

  TL34071P Datasheet HTML 1Page - Texas Instruments TL34071P Datasheet HTML 2Page - Texas Instruments TL34071P Datasheet HTML 3Page - Texas Instruments TL34071P Datasheet HTML 4Page - Texas Instruments TL34071P Datasheet HTML 5Page - Texas Instruments TL34071P Datasheet HTML 6Page - Texas Instruments TL34071P Datasheet HTML 7Page - Texas Instruments TL34071P Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TL3x071, TL3x071A, TL3x072, TL3x072A, TL3x074, TL3x074A
HIGHSLEW RATE, SINGLESUPPLY OPERATIONAL AMPLIFIERS
SLOS097C − MARCH 1991 − REVISED AUGUST 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Wide Gain-Bandwidth Product . . . 4.5 MHz
D High Slew Rate . . . 13 V/µs
D Fast Settling Time . . . 1.1 µs to 0.1%
D Wide-Range Single-Supply Operation
4 V to 44 V
D Wide Input Common-Mode Range Includes
Ground (VCC−)
D Low Total Harmonic Distortion . . . 0.02%
D Low Input Offset Voltage ...3 mV Max
(A Suffix)
D Large Output Voltage Swing
−14.7 V to 14 V (With
±15-V Supplies)
D Large Capacitance Drive Capability
10,000 pF
D Excellent Phase Margin ...60°
D Excellent Gain Margin . . . 12 dB
D Output Short-Circuit Protection
1
2
3
4
8
7
6
5
OFSET N1
IN −
IN +
VCC−/GND
NC
VCC+
OUT
OFSET N2
D OR P PACKAGE
(SINGLE, TOP VIEW)
NC − No internal connection
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
VCC−/GND
VCC+
2OUT
2IN −
2IN +
D OR P PACKAGE
(DUAL, TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OUT
1IN −
1IN +
VCC+
2IN +
2IN −
2OUT
NC
4OUT
4IN −
4IN +
VCC−/GND
3IN +
3IN −
3OUT
NC
(QUAD, TOP VIEW)
DW PACKAGE
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN +
VCC+
2IN +
2IN −
2OUT
4OUT
4IN −
4IN +
VCC−/GND
3IN +
3IN −
3OUT
N PACKAGE
(QUAD, TOP VIEW)
AVAILABLE OPTIONS
PACKAGE
TA
COMPLEXITY
PLASTIC DIP
SMALL OUTLINE
TA
COMPLEXITY
STANDARD
GRADE
PRIME
GRADE
STANDARD
GRADE
PRIME
GRADE
0
°C
Single
TL34071P
TL34071AP
TL34071D
TL34071AD
0 C
to
Single
Dual
TL34071P
TL34072P
TL34071AP
TL34072AP
TL34071D
TL34072D
TL34071AD
TL34072AD
to
70
°C
Dual
Quad
TL34072P
TL34074N
TL34072AP
TL34074AN
TL34072D
TL34074DW
TL34072AD
TL34074ADW
−40
°C
Single
TL33071P
TL33071AP
TL33071D
TL33071AD
−40 C
to
Single
Dual
TL33071P
TL33072P
TL33071AP
TL33072AP
TL33071D
TL33072D
TL33071AD
TL33072AD
to
105
°C
Dual
Quad
TL33072P
TL33074N
TL33072AP
TL33074AN
TL33072D
TL33074DW
TL33072AD
TL33074ADW
−55
°C
Single
TL35071P
TL35071AP
TL35071D
TL35071AD
−55 C
to
Single
Dual
TL35071P
TL35072P
TL35071AP
TL35072AP
TL35071D
TL35072D
TL35071AD
TL35072AD
to
125
°C
Dual
Quad
TL35072P
TL35074N
TL35072AP
TL35074AN
TL35072D
TL35074DW
TL35072AD
TL35074ADW
D and DW packages are available taped and reeled. Add R suffix to device type (e.g., TL34071ADR).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1996, Texas Instruments Incorporated


Similar Part No. - TL34071P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL34071P TI-TL34071P Datasheet
109Kb / 8P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL34071PR TI-TL34071PR Datasheet
109Kb / 8P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - TL34071P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3472 TI-TL3472 Datasheet
68Kb / 5P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL3474 TI-TL3474 Datasheet
359Kb / 15P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3472 TI-TL3472_08 Datasheet
384Kb / 12P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com