Electronic Components Datasheet Search
  English  ▼

X  

TL852CDR Datasheet(PDF) 1 Page - Texas Instruments

Part # TL852CDR
Description  SONAR RANGING RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL852CDR Datasheet(HTML) 1 Page - Texas Instruments

  TL852CDR Datasheet HTML 1Page - Texas Instruments TL852CDR Datasheet HTML 2Page - Texas Instruments TL852CDR Datasheet HTML 3Page - Texas Instruments TL852CDR Datasheet HTML 4Page - Texas Instruments TL852CDR Datasheet HTML 5Page - Texas Instruments TL852CDR Datasheet HTML 6Page - Texas Instruments TL852CDR Datasheet HTML 7Page - Texas Instruments TL852CDR Datasheet HTML 8Page - Texas Instruments TL852CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TL852
SONAR RANGING RECEIVER
SLSS003 − SEPTEMBER 1983 − REVISED MARCH 1988
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Designed for Use With the TL851 in Sonar
Ranging Modules Like the SN28827
D Digitally Controlled Variable-Gain
Variable-Bandwidth Amplifier
D Operational Frequency Range of 20 kHz
to 90 kHz
D TTL-Compatible
D Operates From Power Sources of 4.5 V
to 6.8 V
D Interfaces to Electrostatic or Piezoelectric
Transducers
D Overall Gain Adjustable With One External
Resistor
description
The TL852 is an economical sonar ranging receiver integrated circuit for use with the TL851 control integrated
circuit. A minimum of external components is required for operation, and this amplifier easily interfaces to
Polaroid’s 50-kHz electrostatic transducer. An external 68-k
Ω ±5% resistor from BIAS to GND provides the
internal biasing reference. Amplifier gain can be set with a resistor from G1IN to GADJ. Required amplifier gain
will vary for different applications. Using the detect-level measurement circuit of Figure 1, a nominal
peak-to-peak value of 230 mV input during gain step 2 is recommended for most applications. For reliable
operation, a level no lower than 50 mV should be used. The recommended detect level of 230 mV can be
obtained for most amplifiers with an R1 value between 5 k
Ω and 20 kΩ
Digital control of amplifier gain is provided with gain control inputs GCA, GCB, GCC, and GCD. These inputs
must be driven synchronously (all inputs stable within 0.1
µs) to avoid false receive output signals due to invalid
logic counts. This can be done easily with the TL851 control integrated circuit. A plot showing relative gain for
the various gain steps versus time can be seen in Figure 2. To dampen ringing of the 50-kHz electrostatic
transducer, a 5-k
Ω resistor from G1IN to XIN is recommended.
An external parallel combination of inductance and capacitance between LC and VCC provides an amplifier with
an externally controlled gain and Q. This not only allows control of gain to compensate for attenuation of signal
with distance, but also maximizes noise and sidelobe rejection. Care must be taken to accurately tune the L-C
combination at operating frequency or gain and Q will be greatly reduced at higher gain steps.
AC coupling between stages of the amplifier is accomplished with a 0.01-mF capacitor for proper biasing.
The receive output is normally held at a low level by an internal 1-
µA current source. When an input of sufficient
amplitude is received, the output is driven alternately by the 1-
µA discharge current and a 50-µA charging
current. A 1000-pF capacitor is required from REC to GND to integrate the received signal so that one or two
noise pulses will not be recognized.
XIN provides clamping for the transformer secondary when used for transducer transmit drive as shown in
Figure 4 of the SN28827 data sheet.
The TL852 is characterized for operation from 0
°C to 40°C.
Copyright
 1988, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
G1IN
XIN
GADJ
LC
VCC
G1OUT
G2IN
BIAS
GND
GCD
GCA
GCB
GCC
NC
NC
REC
N PACKAGE
(TOP VIEW)
NC − No internal connection


Similar Part No. - TL852CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL852CDR TI1-TL852CDR Datasheet
586Kb / 12P
SONAR RANGING RECEIVER
TL852CDRG4 TI1-TL852CDRG4 Datasheet
586Kb / 12P
SONAR RANGING RECEIVER
More results

Similar Description - TL852CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL851 TI-TL851 Datasheet
82Kb / 6P
SONAR RANGING CONTROL
logo
List of Unclassifed Man...
SRM400 ETC2-SRM400 Datasheet
108Kb / 2P
Sonar Ranging Module
PW0268 ETC2-PW0268 Datasheet
534Kb / 14P
Ultrasonic Sonar Ranging IC
logo
Texas Instruments
TL852 TI1-TL852_12 Datasheet
586Kb / 12P
SONAR RANGING RECEIVER
TL851CDR TI-TL851CDR Datasheet
585Kb / 13P
SONAR RANGING CONTROL
TL851CDR TI1-TL851CDR Datasheet
585Kb / 13P
SONAR RANGING CONTROL
logo
Murata Manufacturing Co...
MA58MF14-7N MURATA-MA58MF14-7N Datasheet
186Kb / 3P
Back sonar for automotive
logo
List of Unclassifed Man...
9201 ETC2-9201 Datasheet
2Mb / 4P
Multi-ranging operation
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE_18 Datasheet
346Kb / 4P
Radar and sonar processing
ADLQM87HD ADL-ADLQM87HD_18 Datasheet
573Kb / 4P
Radar and sonar processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com