Electronic Components Datasheet Search
  English  ▼

X  

TLC04ID Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC04ID
Description  BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC04ID Datasheet(HTML) 3 Page - Texas Instruments

  TLC04ID Datasheet HTML 1Page - Texas Instruments TLC04ID Datasheet HTML 2Page - Texas Instruments TLC04ID Datasheet HTML 3Page - Texas Instruments TLC04ID Datasheet HTML 4Page - Texas Instruments TLC04ID Datasheet HTML 5Page - Texas Instruments TLC04ID Datasheet HTML 6Page - Texas Instruments TLC04ID Datasheet HTML 7Page - Texas Instruments TLC04ID Datasheet HTML 8Page - Texas Instruments TLC04ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TLC04/MF4A-50, TLC14/MF4A-100
BUTTERWORTH FOURTH-ORDER LOW-PASS
SWITCHED-CAPACITOR FILTERS
SLAS021A – NOVEMBER 1986 – REVISED MARCH 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC± (see Note 1)
±7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC04C/MF4A-50C, TLC14C/MF4A-100C
0
°C to 70°C
. . . . . .
TLC04I/MF4A-50I, TLC14I/MF4A-100I
– 40
°C to 85°C
. . . . . . . .
TLC04M/MF4A-50M, TLC14M/MF4A-100M
– 55
°C to 125°C
. . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the AGND terminal.
recommended operating conditions
TLC04/MF4A-50
TLC14/MF4A-100
UNIT
MIN
MAX
MIN
MAX
UNIT
Positive supply voltage, VCC+
2.25
6
2.25
6
V
Negative supply voltage, VCC–
– 2.25
–6
– 2.25
–6
V
High-level input voltage, VIH
2
2
V
Low-level input voltage, VIL
0.8
0.8
V
Clock frequency f lk (see Note 2)
VCC
± = ±2.5 V
5
1.5 x 106
5
1.5 x 106
Hz
Clock frequency, fclock (see Note 2)
VCC
± = ±5 V
5
2x 106
5
2x 106
Hz
Cutoff frequency, fco (see Note 3)
0.1
40 x 103
0.05
20 x 103
Hz
TLC04C/MF4A-50C, TLC14C/MF4A-100C
0
70
0
70
Operating free-air temperature, TA
TLC04I/MF4A-50I, TLC14I/MF4A-100I
–40
85
–40
85
°C
TLC04M/MF4A-50M, TLC14M/MF4A-100M
–55
125
–55
125
NOTES:
2. Above 250 kHz, the input clock duty cycle should be 50% to allow the operational amplifiers the maximum time to settle while
processing analog samples.
3. The cutoff frequency is defined as the frequency where the response is 3.01 dB less than the dc gain of the filter.
electrical characteristics over recommended operating free-air temperature range, VCC+ = 2.5 V,
VCC– = –2.5 V, fclock ≤ 250 kHz (unless otherwise noted)
filter section
PARAMETER
TEST CONDITIONS
TLC04/MF4A-50
TLC14/MF4A-100
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VOO
Output offset voltage
25
50
mV
VOM
Peak output voltage
VOM+
RL =10kΩ
1.8
2
1.8
2
V
VOM
Peak output voltage
VOM –
RL = 10 kΩ
– 1.25
– 1.7
– 1.25
– 1.7
V
IOS
Short circuit output current
Source
TA =25°C
See Note 4
– 0.5
– 0.5
mA
IOS
Short-circuit output current
Sink
TA = 25°C,
See Note 4
4
4
mA
ICC
Supply current
fclock = 250 kHz
1.2
2.25
1.2
2.25
mA
‡ All typical values are at TA = 25°C.
NOTE 4: IOS(source) is measured by forcing the output to its maximum positive voltage and then shorting the output to the VCC – terminal
IOS(sink) is measured by forcing the output to its maximum negative voltage and then shorting the output to the VCC+ terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com