Electronic Components Datasheet Search
  English  ▼

X  

TLC0838IPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC0838IPWR
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC0838IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC0838IPWR Datasheet HTML 3Page - Texas Instruments TLC0838IPWR Datasheet HTML 4Page - Texas Instruments TLC0838IPWR Datasheet HTML 5Page - Texas Instruments TLC0838IPWR Datasheet HTML 6Page - Texas Instruments TLC0838IPWR Datasheet HTML 7Page - Texas Instruments TLC0838IPWR Datasheet HTML 8Page - Texas Instruments TLC0838IPWR Datasheet HTML 9Page - Texas Instruments TLC0838IPWR Datasheet HTML 10Page - Texas Instruments TLC0838IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TLC0834C, TLC0834I, TLC0838C, TLC0838I
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
SLAS094E – MARCH 1995 – REVISED OCTOBER 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Clock frequency, f(clock)
10
600
kHz
Clock duty cycle (see Note 2)
40%
60%
Pulse duration, CS high, tw
220
ns
Setup time, CS low, SE low, or data valid before CLK
↑, tsu (see Figures 1 and 2)
350
ns
Hold time, data valid after CLK
↑, th (see Figure 1)
90
ns
Operating free air temperature TA
C suffix
0
70
°C
Operating free-air temperature, TA
I suffix
–40
85
°C
NOTE 2: The clock-duty-cycle range ensures proper operation at all clock frequencies. When a clock frequency is used outside the
recommended duty-cycle range, the minimum pulse duration (high or low) is 1
µs.
electrical characteristics over recommended range of operating free-air temperature, VCC = 5 V,
f(clock) = 250 kHz (unless otherwise noted)
digital section
PARAMETER
TEST CONDITIONS†
C SUFFIX
I SUFFIX
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VOH
High level output voltage
VCC = 4.75 V, IOH = – 360 µA
2.8
2.4
V
VOH
High-level output voltage
VCC = 4.75 V, IOH = – 10 µA
4.6
4.5
V
VOL
Low-level output voltage
VCC = 5.25 V, IOL = 1.6 mA
0.34
0.4
V
IIH
High-level input current
VIH = 5 V,
VIH = 5 V
0.005
1
0.005
1
µA
IIL
Low-level input current
VIL = 0,
VIL = 0
– 0.005
–1
– 0.005
–1
µA
IOH
High-level output (source) current
VOH = 0,
TA = 25°C
– 6.5
–24
– 6.5
–24
mA
IOL
Low-level output (sink) current
VOL = VCC,
TA = 25°C
8
26
8
26
mA
IOZ
High-impedance-state output
VO = 5 V,
TA = 25°C
0.01
3
0.01
3
µA
IOZ
g
current (DO or SARS)
VO = 0,
TA = 25°C
– 0.01
–3
– 0.01
–3
µA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
† All parameters are measured under open-loop conditions with zero common-mode input voltage (unless otherwise specified).
‡ All typical values are at VCC = 5 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com