Electronic Components Datasheet Search
  English  ▼

X  

TLC320AD545 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC320AD545
Description  Single Channel Data/Fax Codec
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD545 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC320AD545 Datasheet HTML 17Page - Texas Instruments TLC320AD545 Datasheet HTML 18Page - Texas Instruments TLC320AD545 Datasheet HTML 19Page - Texas Instruments TLC320AD545 Datasheet HTML 20Page - Texas Instruments TLC320AD545 Datasheet HTML 21Page - Texas Instruments TLC320AD545 Datasheet HTML 22Page - Texas Instruments TLC320AD545 Datasheet HTML 23Page - Texas Instruments TLC320AD545 Datasheet HTML 24Page - Texas Instruments TLC320AD545 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
5–2
5.3
Electrical Characteristics Over Recommended Operating Free-Air
Temperature Range DVDD = 5 V/3.3 V, AVDD = 5 V/3.3 V, MVDD = 5 V/3.3 V
5.3.1
Digital Inputs and Outputs, fs = 8 kHz, Outputs Not Loaded
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, any digital output
IO = –360 µA
2.4
DVDD
+ 0.5
V
VOL
Low-level output voltage, any digital output
IO = 2 mA
DVSS
– 0.5
0.4
V
IIH
High-level input current, any digital input
VIH = 5 V
10
µA
IIL
Low-level input current, any digital input
VIL = 0.6 V
10
µA
Cj
Input capacitance, any digital input
10
pF
CO
Output capacitance, any digital output
10
pF
II(lkg)
Input leakage current, any digital input
10
µA
IOZ
Output leakage current, any digital output
10
µA
5.3.2
ADC Channel, fs = 8 kHz (see Note 3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0 to 300 Hz
–0.5
0.2
300 Hz to 3 kHz
–0.25
0.25
Filter gain relative to gain at 1020 Hz
3.3 kHz
–0.35
0.3
dB
Filter gain relative to gain at 1020 Hz
3.6 kHz
–3
dB
4 kHz
–35
≥4.4 kHz
–74
NOTE 3: The filter gain outside of the passband is measured with respect to the gain at 1020 Hz. The analog input test signal is a sine wave with
0 dB=3 VPP at 5-V supply and 0 db = 2 VPP at 3.3-V supply differential as the reference level for ADC analog input signal. The –3 dB
passband is 0 to 3600 Hz for an 8-kHz sample rate. This passband scales linearly with the sample rate.
5.3.3
ADC Dynamic Performance, fs = 8 kHz
5.3.3.1 ADC Signal-to-Noise (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI = –1 dB
76
81
Signal-to-noise ratio (SNR)
VI = –9 dB
68
73
dB
VI = –40 dB
37
42
NOTE 4: The test condition is a 1020-Hz input signal with an 8-kHz conversion rate. Input and output common mode is 2.5 V for 5 V supply and
1.5 V for 3.3 V supply. The output configuration is in a 5 V differential-ended mode.
5.3.3.2 ADC Signal-to-Distortion (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI = –3 dB
74
79
Signal-to-total harmonic distortion (THD)
VI = –9 dB
82
87
dB
VI = –40 dB
58
63
NOTE 4: The test condition is a 1020-Hz input signal with an 8-kHz conversion rate. Input and output common mode is 2.5 V for 5 V supply and
1.5 V for 3.3 V supply. The output configuration is in a 5 V differential-ended mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com