Electronic Components Datasheet Search
  English  ▼

X  

TLC552 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC552
Description  DUAL LINCMOSE TIMER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC552 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC552 Datasheet HTML 3Page - Texas Instruments TLC552 Datasheet HTML 4Page - Texas Instruments TLC552 Datasheet HTML 5Page - Texas Instruments TLC552 Datasheet HTML 6Page - Texas Instruments TLC552 Datasheet HTML 7Page - Texas Instruments TLC552 Datasheet HTML 8Page - Texas Instruments TLC552 Datasheet HTML 9Page - Texas Instruments TLC552 Datasheet HTML 10Page - Texas Instruments TLC552 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TLC552C
DUAL LINCMOS
™ TIMER
SLFS046 – FEBRUARY 1984 – REVISED MAY 1988
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 18 V
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
Threshold voltage level
25
°C
11.4
12
12.6
V
Threshold voltage level
Full range
10.9
12.7
V
Threshold current
25
°C
10
pA
Threshold current
MAX
75
pA
Trigger voltage level
25
°C
5.6
6
6.4
V
Trigger voltage level
Full range
5.5
6.5
V
Trigger current
25
°C
10
pA
Trigger current
MAX
75
pA
Reset voltage level
25
°C
0.4
1.1
1.5
V
Reset voltage level
Full range
0.3
1.8
V
Reset current
25
°C
10
pA
Reset current
MAX
75
pA
Control voltage (open-circuit) as a percentage of supply voltage
MAX
66.7%
Discharge switch on state voltage
IOL = 100 mA
25
°C
0.72
1.5
V
Discharge switch on-state voltage
IOL = 100 mA
Full range
1.6
V
Discharge switch off state current
25
°C
0.1
nA
Discharge switch off-state current
MAX
0.5
nA
Low level output voltage
IOL =3 2mA
25
°C
0.04
0.3
V
Low-level output voltage
IOL = 3.2 mA
Full range
0.35
V
High level output voltage
IOH =1 mA
25
°C
17.3
17.9
V
High-level output voltage
IOH = – 1 mA
Full range
17.3
V
Supply current
25
°C
0.84
1.2
mA
Supply current
Full range
1.6
mA
† Full range (MIN to MAX) is 0
°C to 70°C.
operating characteristics, VDD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Initial error of timing interval‡
VDD = 5 V to 15 V,
RA = RB = 1 kΩ to 100 kΩ,
1%
3%
Supply voltage sensitivity of timing interval
DD
,
CT = 0.1 µF,
AB
,
See Note 2
0.1
0.5
%/V
Output pulse rise time
RL =10MΩ
CL =10 pF
20
75
ns
Output pulse fall time
RL = 10 MΩ,
CL = 10 pF
15
60
ns
Maximum frequency in astable mode
RA = 470 Ω,
CT = 200 pF,
RB = 200 Ω,
See Note 2
1.2
2.8
MHz
‡ Timing interval error is defined as the difference between the measured value and the nominal value of a random sample.
NOTE 2: RA, RB, and CT are as defined in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com