Electronic Components Datasheet Search
  English  ▼

X  

TLC0834CD Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC0834CD
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC0834CD Datasheet(HTML) 1 Page - Texas Instruments

  TLC0834CD Datasheet HTML 1Page - Texas Instruments TLC0834CD Datasheet HTML 2Page - Texas Instruments TLC0834CD Datasheet HTML 3Page - Texas Instruments TLC0834CD Datasheet HTML 4Page - Texas Instruments TLC0834CD Datasheet HTML 5Page - Texas Instruments TLC0834CD Datasheet HTML 6Page - Texas Instruments TLC0834CD Datasheet HTML 7Page - Texas Instruments TLC0834CD Datasheet HTML 8Page - Texas Instruments TLC0834CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TLC0834C, TLC0834I, TLC0838C, TLC0838I
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
SLAS094E – MARCH 1995 – REVISED OCTOBER 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 8-Bit Resolution
D Easy Microprocessor Interface or
Stand-Alone Operation
D Operates Ratiometrically or With 5-V
Reference
D 4- or 8-Channel Multiplexer Options With
Address Logic
D Input Range 0 to 5 V With Single 5-V Supply
D Remote Operation With Serial Data Link
D Inputs and Outputs Are Compatible With
TTL and MOS
D Conversion Time of 32 µs at
fclock = 250 kHz
D Functionally Equivalent to the ADC0834
and ADC0838 Without the Internal Zener
Regulator Network
D Total Unadjusted Error . . . ±1 LSB
description
These
devices
are
8-bit
successive-
approximation
analog-to-digital
converters,
each
with
an
input-configurable multichannel multiplexer and serial input/output. The serial input/ output is configured to
interface with standard shift registers or microprocessors. Detailed information on interfacing with most popular
microprocessors is readily available from the factory.
The TLC0834 (4-channel) and TLC0838 (8-channel) multiplexer is software-configured for single-ended or
differential inputs as well as pseudodifferential input assignments. The differential analog voltage input allows
for common-mode rejection or offset of the analog zero input voltage value. In addition, the voltage reference
input can be adjusted to allow encoding of any smaller analog voltage span to the full 8 bits of resolution.
The TLC0834C and TLC0838C are characterized for operation from 0
°C to 70°C. The TLC0834I and TLC0838I
are characterized for operation from – 40
°C to 85°C. The TLC0834Q is characterized for operation from –40°C
to 125
°C.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
CS
CH0
CH1
CH2
CH3
DGTL GND
VCC
DI
CLK
SARS
DO
REF
ANLG GND
TLC0834 ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
CS
CH0
CH1
CH2
CH3
DGTL GND
NC
VCC
NC
CS
SARS
DO
REF
ANLG GND
NC
TLC0834 ...PW PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGTL GND
VCC
NC
CS
DI
CLK
SARS
DO
SE
REF
ANLG GND
TLC0838 ...PW, DW, OR N PACKAGE
(TOP VIEW)
AVAILABLE OPTIONS
PACKAGE
TA
SMALL
OUTLINE
(D)
SMALL
OUTLINE
(DW)
PLASTIC DIP
(N)
TSSOP
(PW)
0
°C to 70°C
TLC0834CD
TLC0838CDW
TLC0834CN
TLC0838CN
TLC0834CPW TLC0838CPW
–40
°C to 85°C
TLC0834ID
TLC0838IDW
TLC0834IN
TLC0838IN
TLC0834IPW TLC0838IPW
–40
°C to 125°C
—
—
TLC0834QN
—
—
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 2000, Texas Instruments Incorporated


Similar Part No. - TLC0834CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0834CD TI-TLC0834CD Datasheet
226Kb / 15P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834CD TI-TLC0834CD Datasheet
782Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834CDG4 TI-TLC0834CDG4 Datasheet
782Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834CDR TI-TLC0834CDR Datasheet
782Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834CDRG4 TI-TLC0834CDRG4 Datasheet
782Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results

Similar Description - TLC0834CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI-TLC0834C Datasheet
226Kb / 15P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C_08 Datasheet
386Kb / 16P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0838INE4 TI-TLC0838INE4 Datasheet
782Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI1-TLC548C_14 Datasheet
905Kb / 20P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_16 Datasheet
911Kb / 20P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com