Electronic Components Datasheet Search
  English  ▼

X  

TPS78833DBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS78833DBVT
Description  150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS78833DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS78833DBVT Datasheet HTML 3Page - Texas Instruments TPS78833DBVT Datasheet HTML 4Page - Texas Instruments TPS78833DBVT Datasheet HTML 5Page - Texas Instruments TPS78833DBVT Datasheet HTML 6Page - Texas Instruments TPS78833DBVT Datasheet HTML 7Page - Texas Instruments TPS78833DBVT Datasheet HTML 8Page - Texas Instruments TPS78833DBVT Datasheet HTML 9Page - Texas Instruments TPS78833DBVT Datasheet HTML 10Page - Texas Instruments TPS78833DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TPS78825, TPS78833
SLVS382A – JUNE 2001 – REVISED JULY 2001
7
www.ti.com
APPLICATION INFORMATION
external capacitor requirements (continued)
The external bypass capacitor, used in conjunction with an internal resistor to form a low-pass filter, should be
a low ESR ceramic capacitor. For example, the TPS78833 exhibits only 56
µVRMS of output voltage noise using
a 0.01
µF ceramic bypass capacitor and a 10-µF ceramic output capacitor. Note that the output will start up
slower as the bypass capacitance increases due to the RC time constant at the bypass pin that is created by
the internal 150-k
Ω resistor and external capacitor.
power dissipation and junction temperature
Specified regulator operation is assured to a junction temperature of 125
°C; the maximum junction temperature
should be restricted to 125
°C under normal operating conditions. This restriction limits the power dissipation
the regulator can handle in any given application. To ensure the junction temperature is within acceptable limits,
calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than
or equal to PD(max).
The maximum-power-dissipation limit is determined using the following equation:
P
D(max) +
T
J
max
* T
A
RθJA
Where:
TJmax is the maximum allowable junction temperature.
RθJA is the thermal resistance junction-to-ambient for the package, see the dissipation rating table.
TA is the ambient temperature.
The regulator dissipation is calculated using:
P
D +
V
I *
V
O
I
O
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation will trigger the
thermal protection circuit.
regulator protection
The TPS788xx PMOS-pass transistor has a built-in back diode that conducts reverse current when the input
voltage drops below the output voltage (e.g., during power down). Current is conducted from the output to the
input and is not internally limited. If extended reverse voltage operation is anticipated, external limiting might
be appropriate.
The TPS788xx features internal current limiting and thermal protection. During normal operation, the TPS78833
limits output current to approximately 350 mA. When current limiting engages, the output voltage scales back
linearly until the overcurrent condition ends. While current limiting is designed to prevent gross device failure,
care should be taken not to exceed the power dissipation ratings of the package. If the temperature of the device
exceeds approximately 165
°C, thermal-protection circuitry shuts it down. Once the device has cooled down to
below approximately 140
°C, regulator operation resumes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com