Electronic Components Datasheet Search
  English  ▼

X  

FMN Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # FMN
Description  1.0mm pitch/Connectors for FFC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

FMN Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  FMN Datasheet HTML 1Page - JST Mfg. Co., Ltd. FMN Datasheet HTML 2Page - JST Mfg. Co., Ltd. FMN Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FMN CONNECTOR
1.0mmピッチ
B
1.5
3.0
Circuit No. 1
1.0
0.7
0.7
1.0
A
C
B
Circuit No.1
0.4
3.0
B
0.7
0.7
0.4
Circuit No.1
C
A
B
1.5
5.1
1.0
0.7
0.2
1.5
Circuit No.1
1.0
0.4
A
C
B
Circuit No.1
1.0
A
C
B
Circuit No.1
0.4
1.0
A
C
B
Circuit No.1
0.4
<Staggered>
<In-line>
Top entry type
Side entry type
Normal type
Reverse type
Normal type
Reverse type
A
B
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
04FMN-BMT-A-TF
05FMN-BMT-A-TF
06FMN-BMT-A-TF
07FMN-BMT-A-TF
08FMN-BMT-A-TF
09FMN-BMT-A-TF
10FMN-BMT-A-TF
11FMN-BMT-A-TF
12FMN-BMT-A-TF
13FMN-BMT-A-TF
14FMN-BMT-A-TF
15FMN-BMT-A-TF
16FMN-BMT-A-TF
17FMN-BMT-A-TF
18FMN-BMT-A-TF
19FMN-BMT-A-TF
20FMN-BMT-A-TF
21FMN-BMT-A-TF
22FMN-BMT-A-TF
23FMN-BMT-A-TF
24FMN-BMT-A-TF
25FMN-BMT-A-TF
26FMN-BMT-A-TF
27FMN-BMT-A-TF
28FMN-BMT-A-TF
29FMN-BMT-A-TF
30FMN-BMT-A-TF
31FMN-BMT-A-TF
32FMN-BMT-A-TF
33FMN-BMT-A-TF
34FMN-BMT-A-TF
35FMN-BMT-A-TF
36FMN-BMT-A-TF
37FMN-BMT-A-TF
38FMN-BMT-A-TF
39FMN-BMT-A-TF
40FMN-BMT-A-TF
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
31.0
32.0
33.0
34.0
35.0
36.0
37.0
38.0
39.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
31.0
32.0
33.0
34.0
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
31.0
32.0
33.0
34.0
35.0
36.0
37.0
38.0
39.0
40.0
41.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
31.0
32.0
33.0
34.0
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
43.0
04FMN-BMTR-A-TB
05FMN-BMTR-A-TB
06FMN-BMTR-A-TB
07FMN-BMTR-A-TB
08FMN-BMTR-A-TB
09FMN-BMTR-A-TB
10FMN-BMTR-A-TB
11FMN-BMTR-A-TB
12FMN-BMTR-A-TB
13FMN-BMTR-A-TB
14FMN-BMTR-A-TB
15FMN-BMTR-A-TB
16FMN-BMTR-A-TB
17FMN-BMTR-A-TB
18FMN-BMTR-A-TB
19FMN-BMTR-A-TB
20FMN-BMTR-A-TB
21FMN-BMTR-A-TB
22FMN-BMTR-A-TB
23FMN-BMTR-A-TB
24FMN-BMTR-A-TB
25FMN-BMTR-A-TB
26FMN-BMTR-A-TB
27FMN-BMTR-A-TB
28FMN-BMTR-A-TB
29FMN-BMTR-A-TB
30FMN-BMTR-A-TB
31FMN-BMTR-A-TB
32FMN-BMTR-A-TB
33FMN-BMTR-A-TB
34FMN-BMTR-A-TB
35FMN-BMTR-A-TB
36FMN-BMTR-A-TB
37FMN-BMTR-A-TB
38FMN-BMTR-A-TB
39FMN-BMTR-A-TB
40FMN-BMTR-A-TB
04FMN-BMTTN-A-TF
05FMN-BMTTN-A-TF
06FMN-BMTTN-A-TF
07FMN-BMTTN-A-TF
08FMN-BMTTN-A-TF
09FMN-BMTTN-A-TF
10FMN-BMTTN-A-TF
11FMN-BMTTN-A-TF
12FMN-BMTTN-A-TF
13FMN-BMTTN-A-TF
14FMN-BMTTN-A-TF
15FMN-BMTTN-A-TF
16FMN-BMTTN-A-TF
17FMN-BMTTN-A-TF
18FMN-BMTTN-A-TF
19FMN-BMTTN-A-TF
20FMN-BMTTN-A-TF
21FMN-BMTTN-A-TF
22FMN-BMTTN-A-TF
23FMN-BMTTN-A-TF
24FMN-BMTTN-A-TF
25FMN-BMTTN-A-TF
26FMN-BMTTN-A-TF
27FMN-BMTTN-A-TF
28FMN-BMTTN-A-TF
29FMN-BMTTN-A-TF
30FMN-BMTTN-A-TF
31FMN-BMTTN-A-TF
32FMN-BMTTN-A-TF
33FMN-BMTTN-A-TF
34FMN-BMTTN-A-TF
35FMN-BMTTN-A-TF
36FMN-BMTTN-A-TF
37FMN-BMTTN-A-TF
38FMN-BMTTN-A-TF
39FMN-BMTTN-A-TF
40FMN-BMTTN-A-TF
04FMN-BMTTR-A-TB
05FMN-BMTTR-A-TB
06FMN-BMTTR-A-TB
07FMN-BMTTR-A-TB
08FMN-BMTTR-A-TB
09FMN-BMTTR-A-TB
10FMN-BMTTR-A-TB
11FMN-BMTTR-A-TB
12FMN-BMTTR-A-TB
13FMN-BMTTR-A-TB
14FMN-BMTTR-A-TB
15FMN-BMTTR-A-TB
16FMN-BMTTR-A-TB
17FMN-BMTTR-A-TB
18FMN-BMTTR-A-TB
19FMN-BMTTR-A-TB
20FMN-BMTTR-A-TB
21FMN-BMTTR-A-TB
22FMN-BMTTR-A-TB
23FMN-BMTTR-A-TB
24FMN-BMTTR-A-TB
25FMN-BMTTR-A-TB
26FMN-BMTTR-A-TB
27FMN-BMTTR-A-TB
28FMN-BMTTR-A-TB
29FMN-BMTTR-A-TB
30FMN-BMTTR-A-TB
31FMN-BMTTR-A-TB
32FMN-BMTTR-A-TB
33FMN-BMTTR-A-TB
34FMN-BMTTR-A-TB
35FMN-BMTTR-A-TB
36FMN-BMTTR-A-TB
37FMN-BMTTR-A-TB
38FMN-BMTTR-A-TB
39FMN-BMTTR-A-TB
40FMN-BMTTR-A-TB
C
04FMN-SMT-A-TF
05FMN-SMT-A-TF
06FMN-SMT-A-TF
07FMN-SMT-A-TF
08FMN-SMT-A-TF
09FMN-SMT-A-TF
10FMN-SMT-A-TF
11FMN-SMT-A-TF
12FMN-SMT-A-TF
13FMN-SMT-A-TF
14FMN-SMT-A-TF
15FMN-SMT-A-TF
16FMN-SMT-A-TF
17FMN-SMT-A-TF
18FMN-SMT-A-TF
19FMN-SMT-A-TF
20FMN-SMT-A-TF
21FMN-SMT-A-TF
22FMN-SMT-A-TF
23FMN-SMT-A-TF
24FMN-SMT-A-TF
25FMN-SMT-A-TF
26FMN-SMT-A-TF
27FMN-SMT-A-TF
28FMN-SMT-A-TF
29FMN-SMT-A-TF
30FMN-SMT-A-TF
31FMN-SMT-A-TF
32FMN-SMT-A-TF
33FMN-SMT-A-TF
34FMN-SMT-A-TF
35FMN-SMT-A-TF
36FMN-SMT-A-TF
37FMN-SMT-A-TF
38FMN-SMT-A-TF
39FMN-SMT-A-TF
40FMN-SMT-A-TF
Circuits
Q'ty / reel
Model No.
Normal type
Dimensions (mm)
Material and Finish
Contact: Phosphor bronze, copper-undercoated, tin-plated (reflow treatment)
Housing: PA 6T, UL94V-0, black
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
Top entry type
Single-row
Staggered
Reverse type
Normal type
Reverse type
Side entry type
Side entry type
Top entry type
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Side entry type
Top entry type
RoHS compliance This product displays (LF)(SN) on a label.
Note: 1. The products listed above are supplied on embossed tape.
2. Contact JST for the top entry type headers with suction cap.
3
SMT type Connector



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com