Electronic Components Datasheet Search
  English  ▼

X  

BAT42WSH Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAT42WSH
Description  200mA, 30V Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT42WSH Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAT42WSH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT42WSH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT42WSH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT42WSH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT42WSH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAT42WSH
– BAT43WSH
Taiwan Semiconductor
2
Version: A2502
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-ambient thermal resistance(1)
RӨJA
500
°C/W
Thermal Performance Note:
1.
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint
ELECTRICAL SPECIFICATIONS (T
A
= 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Forward voltage(1)
BAT42WSH
IF = 10mA
VF
-
-
0.40
V
IF = 50mA
-
-
0.65
IF = 200mA
-
-
1.00
BAT43WSH
IF = 2mA
-
-
0.33
IF = 15mA
-
-
0.45
IF = 200mA
-
-
1.00
Reverse breakdown voltage
IR
= 100μA
VBR
30
-
-
V
Reverse current(2)
VR = 25V
IR
-
-
500
nA
VR = 25V, TJ = 100°C
-
-
100
μA
Junction capacitance
f = 1MHz, VR = 1V
CJ
-
-
10
pF
Reverse recovery time
IF = IR = 10mA,
IRR = 1mA, RL =
100Ω
trr
-
-
5
ns
Notes:
1.
Pulse test with PW=0.3 ms
2.
Pulse test with PW=30 ms
ORDERING INFORMATION
ORDERING CODE
PACKAGE
PACKING
DEVICE MARKING
BAT42WSH RRG
SOD-323
3,000 / 7” Tape & Reel
S7
BAT43WSH RRG
SOD-323
3,000 / 7” Tape & Reel
S8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com