Electronic Components Datasheet Search
  English  ▼

X  

LMD18245 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMD18245
Description  3A, 55V DMOS Full-Bridge Motor Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMD18245 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMD18245 Datasheet HTML 9Page - National Semiconductor (TI) LMD18245 Datasheet HTML 10Page - National Semiconductor (TI) LMD18245 Datasheet HTML 11Page - National Semiconductor (TI) LMD18245 Datasheet HTML 12Page - National Semiconductor (TI) LMD18245 Datasheet HTML 13Page - National Semiconductor (TI) LMD18245 Datasheet HTML 14Page - National Semiconductor (TI) LMD18245 Datasheet HTML 15Page - National Semiconductor (TI) LMD18245 Datasheet HTML 16Page - National Semiconductor (TI) LMD18245 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
The Typical Application
Figure 7 shows the typical application, the power stage of a
chopper drive for bipolar stepper motors. The 20 k
Ω resistor
and 2.2 nF capacitor connected between RC and ground set
the off-time at about 48 µs, and the 20 k
Ω resistor connected
between CS OUT and ground sets the gain at about 200 mA
per volt of the threshold for chopping. Digital signals control
the thresholds for chopping, the directions of the winding
currents, and, by extension, the drive type (full step, half
step, etc.). A µprocessor or µcontroller usually provides the
digital control signals.
ONE-PHASE-ON FULL STEP DRIVE (WAVE DRIVE)
To make the motor take full steps, windings A and B can be
energized in the sequence
A
→B→A*→B*→A→ …,
where A represents winding A energized with current in one
direction and A* represents winding A energized with current
in the opposite direction. The motor takes one full step each
time one winding is de-energized and the other is energized.
To make the motor step in the opposite direction, the order of
the above sequence must be reversed. Figure 8 shows the
winding currents and digital control signals for a wave drive
application of the typical application circuit.
TWO-PHASE-ON FULL STEP DRIVE
To make the motor take full steps, windings A and B can also
be energized in the sequence
AB
→A*B→A*B*→AB*→AB→ …,
and because both windings are energized at all times, this
sequence produces more torque than that produced with
01187816
FIGURE 7. Typical Application Circuit for Driving Bipolar Stepper Motors
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com