Electronic Components Datasheet Search
  English  ▼

X  

0ALB Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0ALB
Description  DC fuse for EV/HEV
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ALB Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0ALB Datasheet HTML 1Page - Bel Fuse Inc. 0ALB Datasheet HTML 2Page - Bel Fuse Inc. 0ALB Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type 0ALB
800VDC, DC Fuse for EV/HEV
belfuse.com/circuit-protection
0ALB Series
RoHS Compliant
Description
DC fuse for EV/HEV
Features
- Excellent DC performance
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- Design to EV fuse standard UL248-20
- Reliability performance design refer to ISO8820-8&GB/T31465.6
Applications
EV or HEV application
Physical Specifications
Ratings
Materials
Body : Ceramic
Terminals : Tin Plated Copper
Marking
On Fuse :
“bel”,“0ALB”,
“Current Rating”, “Voltage Rating”, "Interrupting Rating"
On Label :
"bel", "0ALBX
”, "Current Rating", "Voltage Rating", "Interrupting Rating",
"Appropriate Safety Logos" and "
", "
"(China RoHS compliant).
Ampere Rating / Voltage Rating
Ampere Range / Volt
@ I.R. ability*
100A-250A / 800V DC
100A-250A / 800V @ 50kA DC
*I.R.= Interrupting Rating = Short Circuit Rating(Amps)
Specifications subject to change without notice


Similar Part No. - 0ALB

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ALA BEL-0ALA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
0ALA BEL-0ALA Datasheet
387Kb / 3P
Fast Acting fuse for DC Application
May2024
0ALABK150-BA BEL-0ALABK150-BA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
0ALABK160-BA BEL-0ALABK160-BA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
0ALABK200-BA BEL-0ALABK200-BA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
More results

Similar Description - 0ALB

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25655J4307K001 EPCOS-B25655J4307K001 Datasheet
159Kb / 6P
PCC series for Mild HEV HybridPACK??
B25655J4507K005 EPCOS-B25655J4507K005_1 Datasheet
179Kb / 6P
PCC series for Full HEV HybridPACK??
logo
fujitsu semiconductor
MB91580 FUJITSU-MB91580 Datasheet
662Kb / 2P
32-bit Motor Control MCU for Electric (EV) and Hybrid Electric Vehicles (HEV)
logo
Texas Instruments
BQ76PL536A-Q1 TI-BQ76PL536A-Q1_13 Datasheet
1Mb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for EV and HEV Applications
logo
PREMO CORPORATION S.L
BCT PREMO-BCT Datasheet
119Kb / 1P
Automotive EV/HEV Isolated 3.3kW Battery Charger Transformer
logo
Fairchild Semiconductor
FCD5N60_F085 FAIRCHILD-FCD5N60_F085 Datasheet
358Kb / 6P
Automotive DC/DC Converter for HEV
logo
Texas Instruments
BQ76PL455A-Q1 TI1-BQ76PL455A-Q1 Datasheet
2Mb / 130P
16-Cell EV/HEV Integrated Battery Monitor and Protector
logo
Littelfuse
EV1K LITTELFUSE-EV1K Datasheet
704Kb / 4P
Littelfuse EV Fuse EV1K SERIES
Rev: 092321
logo
Bel Fuse Inc.
0AKS BEL-0AKS Datasheet
352Kb / 3P
500VDC Fuse for EV/HEV
Rev. 0AKS Feb2021
logo
Texas Instruments
DRV3901-Q1 TI-DRV3901-Q1 Datasheet
1Mb / 16P
DRV3901-Q1 Single Channel Squib Driver For Automotive EV Pyro-Fuse
OCTOBER 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com