Electronic Components Datasheet Search
  English  ▼

X  

0ZCG Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0ZCG
Description  Surface Mount PTC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZCG Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0ZCG Datasheet HTML 1Page - Bel Fuse Inc. 0ZCG Datasheet HTML 2Page - Bel Fuse Inc. 0ZCG Datasheet HTML 3Page - Bel Fuse Inc. 0ZCG Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type 0ZCG Series
3 / 4
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2023 Bel Fuse, Inc.
Rev. 0ZCG Apr2023
Mechanical Dimensions and Marking
Pad Layout
The dimensions in the table below provide the
recommended pad layout
Termination Pad Materials
Matte Tin
– Plated Copper
Temperature Derating Table
Temperature Derating
I Hold Value
-40
-20
0
23
30
40
50
60
70
85
0010,0014 and 0020
167%
150%
133%
100%
93%
83%
73%
63%
51%
33%
0030 thru 0300
143%
129%
116%
100%
94%
86%
77%
69%
61%
48%
Thermal Derating Curve
Cautionary Notes
1. Operation beyond the specified maximum ratings or improper use may result
in damage and possible electrical arcing and/or flame.
2. These Polymer PTC (PPTC) devices are intended for protection against
occasional overcurrent/overtemperature fault conditions and may not be
suitable for use in applications where repeated and/or prolonged fault
conditions are anticipated.
3. Avoid contact of PTC device with chemical solvent. Prolonged contact may
adversely impact the PTC performance.
4. These PTC devices may not be suitable for use in circuits with a large
inductance, as the PTC trip can generate circuit voltage spikes above the
PTC rated voltage.
5. These devices may be used in both DC and AC circuits provided that peak-
to-peak line voltage when carrying AC does not
exceed the PTC’s Vmax
rating. As PTCs are essentially thermal devices, the RMS value of AC
current carried by a PTC will produce tripping parameters and times-to-trip
similar to those of a DC voltage of the same magnitude.
6. If potting is mandated, avoid rigid potting compounds as they will encase the
PTC and prevent it from volumetrically expanding to properly respond to a
trip event.
7. MSL: 2a (According to IPC J-Std-020).
All dimensions in mm.
Part Number
Dimensions
Marking Code
C
D
“b”, IH code
Min
Max
Min
Max
0ZCG0010FF2C
0.60
0.90
0.30
0.95
0010
0ZCG0014FF2C
0.60
0.90
0.30
0.95
0014
0ZCG0020FF2C
0.60
0.90
0.30
0.95
0020
0ZCG0020AF2C
0.60
0.90
0.30
0.95
020
60
0ZCG0030FF2C
0.40
0.70
0.30
0.95
0030
0ZCG0035FF2C
0.40
0.70
0.30
0.95
0035
0ZCG0035AF2C
0.40
0.70
0.30
0.95
035
30
0ZCG0050FF2C
0.35
0.65
0.30
0.95
0050
0ZCG0050AF2C
0.45
0.75
0.30
0.95
050
30
0ZCG0075FF2C
0.35
0.65
0.30
0.95
0075
0ZCG0075AF2B
0.80
1.55
0.25
0.95
075
24
0ZCG0075BF2B
0.80
1.55
0.25
0.95
075
33
0ZCG0110FF2C
0.25
0.55
0.30
0.95
0110
0ZCG0110AF2C
0.25
0.90
0.30
0.95
110
16
0ZCG0110BF2B
0.80
1.30
0.25
0.95
110
24
0ZCG0110CF2B
0.80
1.30
0.25
0.95
110
33
0ZCG0125FF2C
0.25
0.55
0.30
0.95
0125
0ZCG0125AF2B
0.50
1.00
0.30
0.95
125
16
0ZCG0150FF2C
0.25
0.55
0.30
0.95
0150
0ZCG0150AF2C
0.60
1.10
0.25
0.95
150
12
0ZCG0150BF2C
0.60
1.55
0.25
0.95
150
24
0ZCG0160FF2C
0.25
0.90
0.30
0.95
0160
0ZCG0160AF2C
0.60
1.35
0.25
0.95
160
12
0ZCG0160BF2C
0.60
1.35
0.25
0.95
160
16
0ZCG0160CF2C
0.55
1.20
0.25
0.95
160
24
0ZCG0200FF2C
0.55
1.20
0.25
0.95
200
A
0ZCG0200AF2B
0.60
1.55
0.25
0.95
200
16
0ZCG0260FF2C
0.55
1.20
0.25
0.95
0260
0ZCG0260AF2B
0.80
1.55
0.25
0.95
260
13
0ZCG0260BF2B
0.80
1.55
0.25
0.95
260
16
0ZCG0300FF2B
0.80
1.55
0.25
0.95
0300
P
S
W
Nominal
Nominal
Nominal
mm
Inch
mm
Inch
mm
Inch
3.45
0.136
1.78
0.070
3.50
0.138
Specifications subject to change without notice
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
-40
-20
0
20
40
60
80
Temperature(°
C)
Temperature Derating Curve
0010,0014 and 0020
0030 thru 0300



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com