Electronic Components Datasheet Search
  English  ▼

X  

0ZCG0010FF2C Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 0ZCG0010FF2C
Description  Surface Mount PTC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZCG0010FF2C Datasheet(HTML) 4 Page - Bel Fuse Inc.

  0ZCG0010FF2C Datasheet HTML 1Page - Bel Fuse Inc. 0ZCG0010FF2C Datasheet HTML 2Page - Bel Fuse Inc. 0ZCG0010FF2C Datasheet HTML 3Page - Bel Fuse Inc. 0ZCG0010FF2C Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 0ZCG Series
4 / 4
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2023 Bel Fuse, Inc.
Rev. 0ZCG Apr2023
Environmental Specifications
Temperature cycling
JESD22 Method JA-104
Biased humidity
MIL-STD-202 Method 103
Operational life
MIL-STD-202 Method 108
Resistance to solvents
MIL-STD-202 Method 215
Mechanical shock
MIL-STD-202 Method 213
Vibration
MIL-STD-202 Method 204
Resistance to soldering heat
MIL-STD-202 Method 210
Thermal shock
MIL-STD-202 Method 107
Solderability
ANSI/J-STD-002
Board flex(SMD)
AEC-Q200-005
Terminal strength
AEC-Q200-006
Solder Reflow and Rework Recommendations
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp) 3°C/second max
Preheat :
Temperature Min (Tsmin)
Temperature Max (Tsmax)
Time (tsmin to tsmax)
150°C
200°C
60-180 seconds
Time maintained above:
Temperature(TL)
217°C
Time (tL)
60-150 seconds
Peak/Classification Temperature(Tp) :
260°C
Time within 5°C of actual Peak :
Temperature (tp)
20-40 seconds
Ramp-Down Rate :
6°C/second max.
Time 25°C to Peak Temperature :
8 minutes max
Solder Reflow
Due to “lead free / RoHS Compliant ” construction of these PTC devices , the required Temperature and Dwell Time in the “ Soldering ” zone
of the reflow profile are greater than those used for non-RoHS devices.
1. Recommended reflow methods; IR, vapor phase oven, hot air oven.
2. Not Recommended For Wave Solder / Direct Immersion.
3. Recommended paste thickness range
– 0.20 – 0.25mm.
4. Devices are compatible with standard industry cleaning solvents and methods.
5. MSL: 2a (According to IPC J-Std-020).
Caution
If reflow temperature / dwell times exceed the recommended profile, the electrical performance of the PTC may be affected.
Rework: MIL-STD-202G Method 210F, Test Condition A.
Standard Packaging
P/N Explanation and Ordering Information
Part Number
Tape/Reel Qty
0ZCG0010FF2C
Thru
0ZCG0075FF2C
2,000
0ZCG0075AF2B
0ZCG0075BF2B
1,500
0ZCG0110FF2C
0ZCG0110AF2C
2,000
0ZCG0110BF2B
0ZCG0110CF2B
1,500
0ZCG0125FF2C
2,000
0ZCG0125AF2B
1,500
0ZCG0150FF2C
Thru
0ZCG0200FF2C
2,000
0ZCG0200AF2B
1,500
0ZCG0260FF2C
2,000
0ZCG0260AF2B
Thru
0ZCG0300FF2B
1,500
Specifications subject to change without notice
2000 or 1500 fuses
In 7 inches dia. Reel,
8mm wide tape, 4mm
pitch, per EIA-481
(equivalent
IEC-286 part 3).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com