Electronic Components Datasheet Search
  English  ▼

X  

2130293100 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 2130293100
Description  Hand Crimp Tool for 1.50mm (.059") Pitch CLIK-Mate Wire-to-Board Crimp Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2130293100 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  2130293100 Datasheet HTML 1Page - Molex Electronics Ltd. 2130293100 Datasheet HTML 2Page - Molex Electronics Ltd. 2130293100 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PFAS
EU RoHS Certificate of Compliance
Additional Product Compliance Information
Part Details
General
Status
Active
Category
Crimp Presses and Crimp Hand
Tools
Series
207129
Description
Hand Crimp Tool for 1.50mm
(.059") Pitch CLIK-Mate Wire-to-
Board Crimp Terminal
Comments
Die sets are not sold separately; the
complete hand tool needs to be
ordered to obtain the die set; Type:
4D
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
toolingsupport@molex.com
Product Name
PremiumGrade
Tool Type
Hand Crimp Tool
UPC
884982688056
Warranty Disclaimer
CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com