Electronic Components Datasheet Search
  English  ▼

X  

MS24A Datasheet(PDF) 1 Page - Comus International

Part # MS24A
Description  Movement / Vibration Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

MS24A Datasheet(HTML) 1 Page - Comus International

  MS24A_30 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number: MS24A/30 (Alternate Part No: S1430)
Movement / Vibration Module
Product Data Sheet
PICTURE
DISCRIPTION
FEATURES
DIMENSIONS
• Resistant to Severe Environmental Conditions
• Case Material: ABS Plastic
• Wire: 3 x Round 0.142 PVC Covered and Insulated
(Brown: 5V, Green: 0V, White: O/P)
This non-mercury sensor has been designed to detect movement or vibration.
The sensor will react when disturbed by giving a fleeting change of state (ie
normally open to normally closed or vice versa). The time taken to settle de-
pends on the amount of energy absorbed by the sensor; the settled state will
normally be closed. The sensors contacts, when undisturbed, are normally
closed, however it is possible to mount the switch with contacts open there-
fore we recommend that applications look for change of state not contact
open or closed. This product offers additional sensitivity adjustment via an
internal potentiometer. The output is referenced to 0V and can drive a transis-
tor or similar device.
Ø 0.18
(Ø 4.7)
11.81
(300.0)
0.80
(20.3)
1.26
(32.0)
1.49 (38.0)
2.00 (50.8)
ADJUSTMENT
Supply Voltage
Max. VDC
5
Supply Current
Max. mA
40
Output
24 mA at 5 VDC
Operating Temperature
Deg. °C
-10° to +70°
Storage Temperature
Deg. °C
-10° to +75°
Drawings not to scale.
All dimensions in inches (mm) nominal.
SPECIFICATION
Group
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2015 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
5 / 2015


Similar Part No. - MS24A_30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS24A/30 ETC2-MS24A/30 Datasheet
17Kb / 1P
Buffered Analogue Output
More results

Similar Description - MS24A_30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90711 ETC-MLX90711 Datasheet
144Kb / 12P
Position/movement Sensing Auto-Shutoff
PS25401A ETC1-PS25401A Datasheet
536Kb / 5P
EPIC ULTRA HIGH IMPEDANCE MOVEMENT SENSOR
PS25401A ETC2-PS25401A Datasheet
536Kb / 5P
EPIC Ultra High Impedance Movement Sensor
logo
Amphenol Wilcoxon Sensi...
IT300 WILCOXON-IT300 Datasheet
563Kb / 3P
4-20 mA configurable vibration transmitter module
Rev.D.1 10/18
logo
Pepperl+Fuchs Inc.
VIM32PL-E1V16-0RE-I421V14 PF-VIM32PL-E1V16-0RE-I421V14 Datasheet
1Mb / 4P
Vibration sensor
2022-12-05
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PL-E0T16-0ME-I420V14 PF-VIM62PL-E0T16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
Vibration sensor
2022-12-01
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
Vibration sensor
2022-12-01
logo
PCE Instruments.
PCE-VT3800 PCE-PCE-VT3800 Datasheet
177Kb / 2P
Vibration Analyzer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com