Electronic Components Datasheet Search
  English  ▼

X  

ORD211 Datasheet(PDF) 1 Page - Comus International

Part # ORD211
Description  Reed Switch - Sub-Micro - Normally Open Contacts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

ORD211 Datasheet(HTML) 1 Page - Comus International

  ORD211 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information
PART NUMBER ORD211 10 40
Type
Minimum (AT)
Sensitivity
Maximum (AT)
Sensitivity
Example:
Type ORD211 Standard Sensitivity. Pull-in sensitivity
between 10-40 AT is PART NO: ORD211 10 40
Available in ranges of 5 AT e.g: 10-15, 15-20 etc.
NOTE
When cutting or bending switch leads it is important that
the glass seal is not damaged. The cutting or bending
point should be no closer than 3mm (.118in.) to the glass
to metal seal and the lead should be supported between
the cutting or bending point and the glass to metal seal.
We offer a crop and form service for Reed Switches to
be customized to your specification.
Rev. No.
Revision Note
Date
Signature
2
Datasheet Redesign
08-06-06
NG
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to
help you with the latest information on this product range and the details of our full design and manufacturing service. All products are supplied
to our standard conditions of sale unless otherwise agreed in writing.
Phone : (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
©2006 Copyright Comus International Ltd, 454 Allwood Road, Clifton, New Jersey, 07012, USA.
Reed Switch - Sub-Micro - Normally Open Contacts
Part Number : ORD211
Product Data Sheet
SPECIFICATION
Contact Form
Normally Open
Contact Material
Rhodium
Switching Capacity
Max.
1 VA
Switching Voltage
Max.
24 VAC/DC
Switching Current
Max.
0.1 A
Carrying Current
Max.
0.3 A
Dielectric Strength
Min.
150 VDC
Contact Resistance
Max.
100 mOhms
Insulation Resistance
Min.
10
9
Pull - In - Sensitivity
10 - 40 AT
Drop - Out - Sensitivity
Min.
5
Bounce Time
Max.
0.3 ms
Release Time
Max.
0.05 ms
Resonant Frequency
Typ.
7500 Hz
Operating Frequency
Max.
500 Hz
Vibration (10-1000Hz)
20 g
Shock (11 ms)
30
Capacitance
Typ.
0.2pF
Operating Temperature Range
-40°C + 125°C
Test Coil
Type
0211
DIMENSIONS
2Ø
(0.079)
35.7
(1.41)
0.4Ø
(0.0157)
10
(0.398)
PICTURE
Drawings not to scale
All dimensions in mm (inches) nominal.
Did you know we also sell?
Float Switches
Magnets
Movement
Sensors
Proximity
Switches
Acceleration /
Shock Switches
Reed Relays
Solid State
Relays


Similar Part No. - ORD211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD211 ETC-ORD211 Datasheet
78Kb / 8P
REED SWITCH
logo
Meder Electronic
ORD211 MEDER-ORD211 Datasheet
94Kb / 8P
REED SWITCH
logo
OKI electronic componet...
ORD211 OKI-ORD211 Datasheet
94Kb / 8P
REED SWITCH
logo
Standex Electronics, In...
ORD211 STANDEX-ORD211 Datasheet
752Kb / 6P
ORD211 Reed Switch Ultra-miniature
Version 01 Feb 2022
More results

Similar Description - ORD211

ManufacturerPart #DatasheetDescription
logo
celduc-relais
D32A CELDUC-D32A Datasheet
346Kb / 2P
DUAL IN LINE REED RELAY / 2 normally open contacts
logo
HAMLIN Position and Mov...
MLRR-3 HAMLIN-MLRR-3 Datasheet
141Kb / 1P
Miniature normally open switch
logo
Pasternack Enterprises,...
PE71S6133 PASTERNACK-PE71S6133 Datasheet
471Kb / 4P
Normally Open Switch
logo
Teledyne Technologies I...
CCP-18D TELEDYNE-CCP-18D Datasheet
512Kb / 8P
Normally Open Coaxial Switch
CCP-18N TELEDYNE-CCP-18N Datasheet
591Kb / 10P
Normally Open Coaxial Switch
CCP-38S TELEDYNE-CCP-38S Datasheet
591Kb / 10P
Normally Open Coaxial Switch
CCS-18 TELEDYNE-CCS-18 Datasheet
1,017Kb / 16P
Normally Open Coaxial Switch
CCT-38S TELEDYNE-CCT-38S Datasheet
804Kb / 10P
Normally Open Coaxial Switch
CCT-58S TELEDYNE-CCT-58S Datasheet
935Kb / 14P
Normally Open Coaxial Switch
CT-38S TELEDYNE-CT-38S Datasheet
926Kb / 14P
Normally Open Coaxial Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com